Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5572
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 5 Page - Linear Technology

  LT5572 Datasheet HTML 1Page - Linear Technology LT5572 Datasheet HTML 2Page - Linear Technology LT5572 Datasheet HTML 3Page - Linear Technology LT5572 Datasheet HTML 4Page - Linear Technology LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5572
5
5572f
Noise Floor vs RF Frequency
Image Rejection vs LO Frequency
LO and RF Port Return Loss
vs RF Frequency
Absolute I/Q Gain Imbalance
vs LO Frequency
Absolute I/Q Phase Imbalance
vs LO Frequency
Voltage Gain vs LO Power
Output IP3 vs LO Power
LO Feedthrough vs LO Power
Image Rejection vs LO Power
TYPICAL PERFOR A CE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25°C, fLO = 2.14GHz,
PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, baseband input frequency fBB = 2MHz, I and Q 90° shifted, without image or
LO feedthrough nulling. fRF = fBB + fLO (upper sideband selection). PRF(OUT) = –10dBm (–10dBm/tone for 2-tone measurements),
unless otherwise noted. (Note 3)
RF FREQUENCY (GHz)
1.3
1.5
–166
–162
–156
1.7
2.1
2.3
5572 G10
–164
–158
–160
1.9
2.5
2.7
fLO = 2GHz (FIXED)
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
–35
–30
–25
1.9
2.3
5572 G11
–40
–45
1.5
1.7
2.1
2.5
2.7
–50
–55
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
RF FREQUENCY (GHz)
1.3
1.5
–50
–30
0
1.7
2.1
2.3
5572 G12
–40
–10
–20
1.8
2.5
2.7
LO PORT, EN = LOW
LO PORT,
EN = HIGH,
PLO = –10dBm
RF PORT,
EN = HIGH,
NO LO
RF PORT,
EN = LO
LO PORT, EN = HIGH, PLO = 0dBm
RF PORT,
EN = HIGH,
PLO = 0dBm
LO FREQUENCY (GHz)
1.3
0
0.1
0.2
1.5
1.7
1.9
2.1
5572 G13
2.3
2.5
2.7
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (GHz)
1.3
1.5
0
2
5
1.7
2.1
2.3
5572 G14
1
4
3
1.9
2.5
2.7
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–4
–8
5572 G15
–10
–14
–16
–12
–4
–16
–18
–2
–6
–8
–12
048
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
4
6
10
12
14
–4
22
5572 G16
8
–12
–16
04
–8
8
16
18
20
fBB1 = 2MHz
fBB2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–35
–30
–8
0
5572 G17
–40
–45
–16
–12
–4
4
8
–50
–55
–60
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–30
–25
–8
0
5572 G18
–35
–40
–16
–12
–4
4
8
–45
–50
–55
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com