Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5572
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 1 Page - Linear Technology

  LT5572 Datasheet HTML 1Page - Linear Technology LT5572 Datasheet HTML 2Page - Linear Technology LT5572 Datasheet HTML 3Page - Linear Technology LT5572 Datasheet HTML 4Page - Linear Technology LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5572
1
5572f
1.5GHz to 2.5GHz
High Linearity Direct
Quadrature Modulator
The LT5572 is a direct I/Q modulator designed for high
performance wireless applications, including wireless
infrastructure. It allows direct modulation of an RF signal
using differential baseband I and Q signals. It supports PHS,
GSM, EDGE, TD-SCDMA, CDMA, CDMA2000, W-CDMA
and other systems. It may also be configured as an image
reject up-converting mixer by applying 90° phase-shifted
signals to the I and Q inputs. The high impedance I/Q
baseband inputs consist of voltage-to-current converters
that in turn drive double-balanced mixers. The outputs of
these mixers are summed and applied to an on-chip RF
transformer which converts the differential mixer signals
to a 50Ω single-ended output. The four balanced I and Q
baseband input ports are intended for DC coupling from a
source with a common mode voltage level of about 0.5V.
The LO path consists of an LO buffer with single-ended
input and precision quadrature generators that produce
the LO drive for the mixers. The supply voltage range is
4.5V to 5.25V.
■
Infrastructure Tx for DCS, PCS and UMTS Bands
■
Image Reject Up-Converters for DCS, PCS and UMTS
Bands
■
Low Noise Variable Phase Shifter for 1.5GHz to
2.5GHz Local Oscillator Signals
■
Direct Conversion from Baseband to RF
■
High Output: –2.5dB Conversion Gain
■
High OIP3: +21.6dBm at 2GHz
■
Low Output Noise Floor at 20MHz Offset:
No RF: –158.6dBm/Hz
POUT = 4dBm: –152.5dBm/Hz
■
Low Carrier Leakage: –39.4dBm at 2GHz
■
High Image Rejection: –41.2dBc at 2GHz
■
4-Channel W-CDMA ACPR: –67.7dBc at 2.14GHz
■
Integrated LO Buffer and LO Quadrature Phase
Generator
■
50Ω AC-Coupled Single-Ended LO and RF Ports
■
High Impedance DC Interface to Baseband Inputs
with 0.5V Common Mode Voltage
■
16-Lead QFN 4mm × 4mm Package
Direct Conversion Transmitter Application
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VCO/SYNTHESIZER
EN
2, 4, 6, 9, 10, 12, 15, 17
I-CH
Q-CH
BALUN
VCC
V-I
BASEBAND
GENERATOR
V-I
LT5572
5V
14
16
1
7
5
8, 13
5572 TA01a
11
PA
RF = 1.5GHz
TO 2.5GHz
3
I-DAC
Q-DAC
90
°
0
°
100nF
×2
RF OUTPUT POWER PER CARRIER (dBm)
–30
–70
–60
–10
5572 TA01b
–80
–90
–25
–20
–15
–5
–50
–145
–135
–155
–165
–125
DOWNLINK TEST
MODEL 64 DPCH
4-CH ACPR
2-CH ACPR
1-CH
ACPR
4-CH AltCPR
2-CH AltCPR
1-CH AltCPR
2-CH NOISE
4-CH NOISE
1-CH NOISE
W-CDMA ACPR, AltCPR and Noise
vs RF Output Power at 2.14GHz for
1, 2 and 4 Channels


Similar Part No. - LT5572

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5572 LINER-LT5572 Datasheet
685Kb / 30P
200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5572

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com