Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5572
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5572 Datasheet HTML 5Page - Linear Technology LT5572 Datasheet HTML 6Page - Linear Technology LT5572 Datasheet HTML 7Page - Linear Technology LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology LT5572 Datasheet HTML 10Page - Linear Technology LT5572 Datasheet HTML 11Page - Linear Technology LT5572 Datasheet HTML 12Page - Linear Technology LT5572 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5572
9
5572f
APPLICATIO S I FOR ATIO
RF
VCC = 5V
VCM = 0.5V
BBPI
BBMI
C
GND
LOMI
LT5572
LOPI
FROM
Q-CHANNEL
5572 F01
BALUN
1.8pF
1.8pF
Figure 1. Simplified Circuit Schematic of the LT5572 (Only I Channel is Drawn)
5572 F02
+
–
50
Ω
50
Ω
1VDC
0.5VDC
0.5005VDC
GENERATOR
50
Ω
1VDC
20
µADC
LT5572
50
Ω
EXTERNAL
LOAD
GENERATOR
+
–
Figure 2. DC Voltage Levels for a Generator Programmed at 0.5VDC for a 50Ω Load Without and With the LT5572 as a Load
MAX RF
+6.2dBm
VCC
5V
BBPI
R2A
100
Ω
L2A
L2B
GND
0.5VDC
C3
R2B
100
Ω
BBMI
C
GND
LOMI
LT5572
LOPI
FROM
Q-CHANNEL
5572 F03
BALUN
1.8pF
1.8pF
R1A
100
Ω
R1B
100
Ω
L1A
L1B
C2
C1
DAC
0mA TO 20mA
0mA TO 20mA
Figure 3. LT5572 Baseband Interface with 5th Order Filter and 0.5VCM DAC (Only I Channel is Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com