Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 9Page - Linear Technology LTC1266CS Datasheet HTML 10Page - Linear Technology LTC1266CS Datasheet HTML 11Page - Linear Technology LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1266
LTC1266-3.3/LTC1266-5
APPLICATIO S I FOR ATIO
Figure 6. Low-Battery Comparator
1.25V
REFERENCE
LBOUT
VIN
R2
R1
LTC1266
1266 F06
The divided down voltage at the “–” input to the comparator
is compared to an internal 1.25V reference. This reference
is separate from the 1.265V reference used by the voltage
comparator and current comparator for regulation and is
not disabled by the shutdown pin, therefore the low-battery
detection is operational even when the rest of the chip is
shut down. The comparator is functional down to an input
voltage of 2.5V. Thus, the output will provide a valid state
even when the rest of the chip does not have sufficient
voltage to operate. For best performance, the value of the
pull-up resistor should be high enough that the output is
pulled down to ground when sinking 200
µA or less.
Suppressing Burst Mode Operation
Normally, enabling Burst Mode operation is desired due to
its superior efficiency at low load currents (see Figure 7).
However, in certain applications it may be desirable to
inhibit this feature. Some reasons for doing so are:
1. To eliminate audible noise from certain types of induc-
tors at light loads.
Figure 7. Effect of Disabling Burst Mode Operation on Efficiency
2. If the load is never expected to drop low enough to
benefit from the efficiency advantages of Burst Mode
operation, the output capacitor ESR and minimum capaci-
tance requirements (which may falsely trigger Burst Mode
operation if not met) can be relaxed if Burst Mode opera-
tion is disabled.
3. If an auxiliary winding is used. Disabling Burst Mode
operation guarantees switching independent of the load
on the primary. This allows power to be taken from the
auxiliary winding independently.
4. Tighter load regulation (< 1%).
Burst Mode operation is disabled by applying a CMOS
logic high voltage (> 2.1V) to Pin 4. When it is disabled, the
voltage comparator limit is raised high enough so that it no
longer is involved in regulation; however it is still active
and is useful as a voltage clamp to keep the output from
overshooting.
Note that since the inductor current must reverse to
regulate the output at zero load when Burst Mode opera-
tion is disabled, the minimum inductance (LMIN) specified
during Inductor Core Selection is no longer applicable.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in DC (resistive) load
current. When a load step occurs, VOUT shifts by an
amount equal to
∆ILOAD (ESR), where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
LOAD CURRENT
0
300
400
500
600
4
1266 F05
200
100
0
1
2
3
5
TOPSIDE
N-CHANNEL WITH
CHARGE PUMP
TOPSIDE N-CHANNEL
WITH POWER VIN = 12V
TOPSIDE
P-CHANNEL
VOUT = 3.3V
LOAD CURRENT (A)
0.01
60
70
80
90
100
0.1
5
1
1266 F07
Burst Mode OPERATION
ENABLED
Burst Mode OPERATION
INHIBITED
Figure 5. Comparison of Dropout Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com