Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology LTC1266CS Datasheet HTML 18Page - Linear Technology LTC1266CS Datasheet HTML 19Page - Linear Technology LTC1266CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1266
LTC1266-3.3/LTC1266-5
Figure 15. All N-Channel 5V to 2.5V/5A High Efficiency Regulator
(Layout Assist Schematics)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
MBR0530T1
0.1
µF
VIN
4V TO 9V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDRIVE
PWR VIN
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
PGND
LBOUT
LBIN
SGND
SHDN
NC
SENSE+
LTC1266-3.3
1000pF
SHUTDOWN
BINH
RSENSE
0.01
Ω
L*
5
µH
Si4410DY
D1
MBRS340T3
Si4410DY
+
47
µF
10V
OS-CON
3
×
COUT
330
µF
10V
3
×
VOUT
3.3V
10A
CC
3300pF
RC
470
Ω
CT
220pF
1266 F14
MAGNETICS Kool M
µ 77120-A7
*
Figure 14. All N-Channel 5V to 3.3V/10A High Efficiency Regulator
MBR0530T1
0.1
µF
VIN
4V TO 9V
(VIN(MIN) = 3.5V IF ILOAD < 1A)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDRIVE
PWR VIN
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
PGND
LBOUT
LBIN
SGND
SHDN
VFB
SENSE+
LTC1266
1000pF
SHUTDOWN
BINH
RSENSE
0.02
Ω
L*
5
µH
Si9410DY
D1
MBRS130T3
Si9410DY
+
100
µF
10V
OS-CON
2
×
COUT
330
µF
10V
2
×
VOUT
2.5V
5A
CC
3300pF
RC
470
Ω
CT
180pF
1266 F15
*TOKO 919AS-4R7M
100pF
100k
1%
97.6k
1%
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com