Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1266CS Datasheet HTML 1Page - Linear Technology LTC1266CS Datasheet HTML 2Page - Linear Technology LTC1266CS Datasheet HTML 3Page - Linear Technology LTC1266CS Datasheet HTML 4Page - Linear Technology LTC1266CS Datasheet HTML 5Page - Linear Technology LTC1266CS Datasheet HTML 6Page - Linear Technology LTC1266CS Datasheet HTML 7Page - Linear Technology LTC1266CS Datasheet HTML 8Page - Linear Technology LTC1266CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1266
LTC1266-3.3/LTC1266-5
INPUT VOLTAGE (V)
0
85
90
95
100
16
1266 G04
80
75
70
4
8
12
20
FIGURE 11 CIRCUIT
ILOAD = 2.5A
ILOAD = 100mA
ILOAD = 1A
LOAD CURRENT (A)
0
–40
–30
–20
–10
30
10
0.5
1.0
20
0
1.5
2.0
2.5
3.0
1266 G06
FIGURE 11 CIRCUIT
VIN = 12V (Burst Mode
OPERATION ENABLED)
VIN = 5V
VIN = 5V (Burst Mode
OPERATION INHIBITED)
INPUT VOLTAGE (V)
0
1.5
2.0
2.5
3.0
16
1266 G07
1.0
0.5
0
4
8
12
20
ACTIVE MODE
SLEEP MODE
INPUT VOLTAGE (V)
0
15
20
25
16
1266 G08
10
5
0
4
8
12
20
ACTIVE MODE
SLEEP MODE
INPUT VOLTAGE (V)
0
30
40
50
1266 G09
20
10
0
5
10
15
20
PWR VIN
VIN
INPUT VOLTAGE (V)
0
0
10
20
16
1266 G05
–10
–20
4
812
–30
40
30
–40
FIGURE 11 CIRCUIT
ILOAD = 1A
Efficiency vs Input Voltage
VIN DC Supply Current
Line Regulation
Power VIN DC Supply Current
Load Regulation
Supply Current in Shutdown
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
LOAD CURRENT (A)
0
–50
–40
–30
–20
20
0
1
2
10
–10
3
4
5
1266 G03
VIN = 5V
FIGURE 1 CIRCUIT
VIN = 9V (Burst Mode
OPERATION ENABLED)
VIN = 5V (Burst Mode
OPERATION INHIBITED)
Line Regulation
Load Regulation
INPUT VOLTAGE (V)
3
70
75
80
85
90
100
4
56
7
1266 G01
89
95
ILOAD = 2.5A
FIGURE 1 CIRCUIT
ILOAD = 5A
ILOAD = 100mA
INPUT VOLTAGE (V)
3
0
10
20
9
1266 G02
–10
–20
–40
45678
–30
40
30
FIGURE 1 CIRCUIT
ILOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com