Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology LTC1266CS Datasheet HTML 18Page - Linear Technology LTC1266CS Datasheet HTML 19Page - Linear Technology LTC1266CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1266
LTC1266-3.3/LTC1266-5
Troubleshooting Hints
Since efficiency is critical to LTC1266 series applications,
it is very important to verify that the circuit is functioning
correctly in both continuous and Burst Mode operation.
The waveform to monitor is the voltage on the timing
capacitor, Pin 6.
In continuous mode (ILOAD > IBURST) the voltage on the CT
pin should be a sawtooth with a 0.9VP-P swing. This
voltage should never dip below 2V as shown in Figure 9a.
When load currents are low (ILOAD < IBURST) Burst Mode
operation should occur with the CT pin waveform periodi-
cally falling to ground for periods of time as shown in
Figure 9b.
If Pin 6 is observed falling to ground at high output
currents, it indicates poor decoupling or improper ground-
ing. Refer to the Board Layout Checklist.
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1266 series. These items are also illustrated graphi-
cally in the layout diagram of Figure 10. Check the follow-
ing in your layout:
1. Are the signal and power grounds segregated? The
LTC1266 signal ground (Pin 12) must return to the (–)
plate of COUT. The power ground returns to the source
of the bottom-side MOSFET, anode of the Schottky
diode and (–) plate of CIN, which should have as short
lead lengths as possible.
2. Does the LTC1266 SENSE – (Pin 8) connect to a point
close to RSENSE and the (+) plate of COUT? In adjustable
applications, the resistive divider R1 and R2 must be
connected between the (+) plate of COUT and signal
ground.
Figure 9. CT Waveforms
Figure 10. LTC1266 Layout Diagram (See Layout Checklist)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1266
L
SHUTDOWN
BOLD LINES INDICATE
HIGH CURRENT PATHS
OUTPUT DIVIDER REQUIRED WITH
ADJUSTABLE VERSION ONLY
CIN
CB
COUT
PGND
TDRIVE
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
LBOUT
LBIN
SGND
SHDN
VFB
SENSE+
470
Ω
R1
R2
RSENSE
VOUT
1266 F10
VIN
1000pF
3300pF
CT
PWR VIN
+
+
+
–
–
3.3V
0V
3.3V
0V
1266 F09
(a) Continuous Mode Operation
(b) Burst Mode Operation
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com