Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology LTC1266CS Datasheet HTML 18Page - Linear Technology LTC1266CS Datasheet HTML 19Page - Linear Technology LTC1266CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1266
LTC1266-3.3/LTC1266-5
(Layout Assist Schematics)
Figure 13. All N-Channel 5V to 3.3V/5A Converter with Drivers Powered from External PWR VIN Supply
Figure 12. 5V to 12V/500mA High Efficiency Boost Regulator
VOUT
12V/500mA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDRIVE
PWR VIN
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
PGND
LBOUT
LBIN
SGND
SHDN
VFB
SENSE+
LTC1266
1000pF
BINH
Si9410DY
+
C0UT
100
µF
20V
CC
3300pF
RC
1k
CT
200pF
1266 F12
DALE LPT4545-A002
COILTRONICS CTX20-4
MMBT2222ALT1
*
**
0.1
µF
CIN
100
µF
20V
1M
1M
15k
1%
180k
100k
1N4148
SHUTDOWN
D1
MBRS130LT3
100pF
0.068
Ω
L*
20
µH
127k
1%
VIN
4.3V TO 10V
(VIN (MIN) = 3.5V IF ILOAD < 100mA
+
Q1**
VIN
4V TO PWR VIN – 4.5V
(VIN(MIN) = 3.5V IF ILOAD < 2.5A)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDRIVE
PWR VIN
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
PGND
LBOUT
LBIN
SGND
SHDN
NC
SENSE+
LTC1266-3.3
1
µF
1000pF
SHUTDOWN
BINH
RSENSE
0.02
Ω
L*
5
µH
Si9410DY
D1
MBRS140T3
Si9410DY
+
CIN
100
µF
20V
2
×
COUT
220
µF
10V
2
×
VOUT
3.3V
5A
CC
3300pF
RC
470
Ω
CT
180pF
1266 F13
*TOKO 919AS-4R7M
PWR VIN
VIN + 4.5V TO 18V
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com