Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 1 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4308
1
4308f
Low Voltage, Level Shifting
Hot Swappable 2-Wire Bus
Buffer with Stuck Bus Recovery
The LTC®4308 hot swappable, 2-wire bus buffer allows
I/O card insertion into a live backplane without corrup-
tion of the data and clock busses. The LTC4308 provides
bidirectional buffering, keeping the backplane and card
capacitances isolated. Negative offset from output to
input allows communication between output bus devices
with high VOL and devices on the low voltage input side,
where bus supplies can be as low as 0.9V. If SDAOUT or
SCLOUT are low for 30ms, the LTC4308 will automati-
cally break the Input-Output connection. At this time the
LTC4308 automatically generates up to 16 clock pulses
on SCLOUT in an attempt to free the bus. A connection
will resume if the stuck bus is cleared.
During insertion, the SDAOUT and SCLOUT lines are pre-
charged to 1V to minimize bus disturbances. When driven
high, the ENABLE input allows the LTC4308 to connect after
a stop bit or bus idle condition. Driving ENABLE low breaks
the connection between SDAIN and SDAOUT, SCLIN and
SCLOUT. READY is an open-drain output which indicates
that the backplane and card sides are connected.
n Live Board Insertion
n Servers
n Capacitance Buffer/Bus Extender
n RAID Systems
n ATCA
n Optimized for Low Voltage Systems Down to 0.9V
n Bidirectional Buffer with Stuck Bus Recovery
n –200mV Offset In-Out/+300mV Offset Out-In
n 30ms Stuck Bus Timeout
n Compatible with Non-Compliant VOL I2C Devices
n Prevents SDA and SCL Corruption During Live
Board Insertion and Removal from Backplane
n ±6kV Human Body Model (HBM) ESD Protection
n Isolates Input SDA and SCL Lines from Output
n Compatible with I2C™, I2C Fast Mode and SMBus
n READY Open-Drain Output
n 1V Precharge on SDAOUT and SCLOUT Lines
n Small 8-Lead (3mm × 3mm × 0.75mm) DFN and
8-Lead MSOP Packages
1.2V to 5V Level Shifting
The LTC4308 in a 1.2V
Microcontroller Application
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Hot Swap
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 7032051, 6650174, 6356140.
VCC
5V
1.2V
2.7k
LTC4308
SCLIN
SDAIN
SCLOUT
SDAOUT
CARD_SCL
READY
CARD_SDA
READY
GND
ENABLE
2.7k
2.7k
10k
4308 TA01a
2.7k
MICRO-
CONTROLLER
0.01μF
1μs/DIV
2V/DIV
CH1
0.5V/DIV
CH2
4308 TA01b
SDAOUT
SDAIN


Similar Part No. - LTC4308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4308 LINER-LTC4308 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4308 LINER-LTC4308 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4308 LINER-LTC4308 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4308 LINER-LTC4308 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4308 LINER-LTC4308 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com