Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 3 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4308
3
4308f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tIDLE
Bus Idle Time
l
55
95
175
μs
VTHR_EN
ENABLE Threshold Voltage
ENABLE Rising Edge
l
0.45
0.6
0.75
V
VTHR_EN(HYST) ENABLE Threshold Voltage Hysteresis
(Note 3)
35
mV
IENABLE
ENABLE Input Current
ENABLE from 0V to VCC
l
0.1
±5
μA
tPLH_EN
ENABLE Delay Off-On
(Figure 1)
95
μs
tPHL_EN
ENABLE Delay On-Off
(Note 3), (Figure 1)
10
ns
tPLH_READY
READY Delay Off-On
(Note 3), (Figure 1)
10
ns
tPHL_READY
READY Delay On-Off
(Note 3), (Figure 1)
10
ns
VOL_READY
READY Output Low Voltage
IREADY = 3mA, VCC = 2.3V
l
0.4
V
IOFF_READY
READY Off Leakage Current
VCC = READY = 5.5V
l
0.1
±5
μA
Prop Delay and Rise-Time Accelerators
tPHL
SDA/SCL Propagation Delay High to Low
CLOAD = 50pF, 2.7k to VCC on SDA, SCL,
(Notes 2, 3), (Figure 1)
70
ns
tPLH
SDA/SCL Propagation Delay Low to High
CLOAD = 50pF, 2.7k to VCC on SDA, SCL,
(Notes 2, 3), (Figure 1)
10
ns
tRISE
SDA/SCL Transition Time Low to High
CLOAD = 100pF, 10k to VCC on SDA, SCL,
(Notes 3, 4), (Figure 1)
30
300
ns
tFALL
SDA/SCL Transition Time High to Low
CLOAD = 100pF, 10k to VCC on SDA, SCL,
(Notes 3, 4), (Figure 1)
30
300
ns
IPULLUPAC
Transient Boosted Pull-Up Current
Positive Transition > 0.8V/μs on SDAOUT,
SCLOUT (Note 5)
58
mA
Input-Output Connection
VOS
Input to Output Offset Voltage (OUT – IN)
2.7k to VCC on SDAOUT, SCLOUT,
SDAIN = SCLIN = 0.2V
l
250
300
380
mV
2.7k to VCC on SDAOUT, SCLOUT,
SDAIN = SCLIN = 0.4V, VCC = 5.5V
l
250
350
450
mV
Output to Input Offset Voltage (IN – OUT)
2.7k to VCC on SDAIN, SCLIN,
SDAOUT = SCLOUT = 0.4V
l
–150
–200
–300
mV
2.7k to VCC on SDAIN, SCLIN,
SDAOUT = SCLOUT = 0.4V, VCC = 5.5V
l
–150
–250
–350
mV
VTHR
SDAOUT, SCLOUT Logic Input Threshold Voltage VCC ≥ 2.9V
VCC < 2.9V
1.4
1.1
1.65
1.35
1.9
1.6
V
V
SDAIN, SCLIN Logic Input Threshold Voltage
SDAIN, SCLIN Rising Edge, VCC = 2.3V, 5.5V
0.45
0.6
0.75
V
VTHR(HYST)
SDAOUT, SCLOUT Logic Input Threshold Voltage
Hysteresis
(Note 3)
50
mV
SDAIN, SCLIN Logic Input Threshold Voltage
Hysteresis
(Note 3)
35
mV
CIN
Digital Input Capacitance SDAIN, SDAOUT,
SCLIN, SCLOUT
(Note 3)
10
pF
ILEAK
Input Leakage Current
SDA, SCL Pins
l
±5
μA
VOL
Output Low Voltage
SDAOUT, SCLOUT Pins, ISINK = 4mA,
SDAIN = SCLIN = 0V, VCC = 2.7V
l
0
400
mV
2.7k to VCC on SDAOUT, SCLOUT,
SDAIN = SCLIN = 0V
l
250
300
380
mV
VILMAX
Buffer Input Logic Low Voltage
SDAOUT, SCLOUT Pins
l
1.2
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com