Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology LTC4308 Datasheet HTML 10Page - Linear Technology LTC4308 Datasheet HTML 11Page - Linear Technology LTC4308 Datasheet HTML 12Page - Linear Technology LTC4308 Datasheet HTML 13Page - Linear Technology LTC4308 Datasheet HTML 14Page - Linear Technology LTC4308 Datasheet HTML 15Page - Linear Technology LTC4308 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4308
16
4308f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0408 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
Single-Ended 8-Channel/Differential 4-Channel Analog
MUX with SMBus Interface
Low RON: 35Ω Single Ended/70Ω Differential, Expandable to 32 Single
or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC with SMBus
Interface
Precision 50μA ±2.5% Tolerance Over Temperature, Four Selectable
SMBus Addresses, DAC Powers Up at Zero or Midscale
LTC1623
Dual High Side Switch Controller with SMBus Interface Eight Selectable Addresses/16-Channel Capability
LTC1663
SMBus Interface 10-Bit Rail-to-Rail Micropower DAC
DNL < 0.75LSB Max, 5-Lead SOT-23 Package
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise Time, Ensures Data Integrity with Multiple
SMBus/I2C Devices
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT
TM Package 0.75Ω PMOS 180mA Regulator, 6-Bit DAC
LT1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz Floating or Grounded Lamp Configurations
LTC1840
Dual I2C Fan Speed Controller
Two 100μA 8-Bit DACs, Two Tach Inputs, Four GPIO
LTC4300A-1/
LTC4300A-2/
LTC4300A-3
Hot Swappable 2-Wire Bus Buffers
LTC4300A-1: Bus Buffer with READY, ACC and ENABLE
LTC4300A-2: Dual Supply Bus Buffer with READY and ACC
LTC4300A-3: Dual Supply Bus Buffer with READY and ENABLE
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer
Supply Independent
LTC4301L
Hot Swappable 2-Wire Bus Buffer with Low Voltage
Level Translation
Allows Bus Pull-Up Voltages as Low as 1V on SDAIN and SCLIN
LTC4302-1/LTC4302-2 Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303/LTC4304
Hot Swappable 2-Wire Bus Buffers with Stuck Bus
Recovery
Provides Automatic Clocking to Free Stuck I2C Busses
LTC4305/LTC4306
2-/4-Channel, 2-Wire Bus Multiplexers with
Capacitance Buffering
2/4 Selectable Downstream Busses, Stuck Bus Disconnect, Rise Time
Accelerators, Fault Reporting, ±10kV HBM ESD Tolerance
LTC4307
Low Offset Hot Swappable 2-Wire Bus Buffer with
Stuck Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise
Time Accelerators, ±5kV HBM ESD Tolerance
LTC4307-1
High Definition Multimedia Interface (HDMI) Level
Shifting 2-Wire Bus Buffer
60mV Buffer Offset, 3.3V to 5V Level Shifting, ±5kV HBM ESD Tolerance
LTC4309
Level Shifting Low Offset Hot Swappable 2-Wire Bus
Buffer with Stuck Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise
Time Accelerators, 1.8V to 5V Level Shifting, ±6kV HBM ESD Tolerance
ThinSOT is a trademark of Linear Technology Corporation
The LTC4308 in a Level Shifting Application.
RELATED PARTS
TYPICAL APPLICATION
VCC
1.8V
ENABLE
2.7k
LTC4308
SCLIN
SDAIN
SCL
SDA
SCLOUT
SDAOUT
READY
READY
GND
2.7k
10k
3.3V
4308 TA04
MICRO-
CONTROLLER
0.01μF
2.5V
2.7k
2.7k
0.01μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com