Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 4 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4308
4
4308f
ENABLE, CONNECT, READY Timing
Rising and Falling Propagation Delays and Rise and Fall Times for SDAIN, SDAOUT and SCLIN, SCLOUT
Figure 1. Timing Diagrams
tPLH_EN
ENABLE
CONNECT
READY
tPLH_READY
tPHL_READY
tPHL_EN
4308 TD01
tPLH
SDAIN/SCLIN
SDAOUT/SCLOUT
tPHL
tRISE
tFALL
tRISE
tFALL
4308 TD02
TIMING DIAGRAMS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Bus Stuck Low Timeout
tTIMEOUT
Bus Stuck Low Timer
SDAOUT = SCLOUT = 0V
l
25
30
35
ms
Timing Characteristics
fI2C,MAX
I2C Maximum Operating Frequency
(Note 3)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start Condition (Note 3)
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition
(Note 3)
100
ns
tSU,STA
Repeated Start Condition Set-Up Time
(Note 3)
0
ns
tSU,STO
Stop Condition Set-Up Time
(Note 3)
0
ns
tHD,DATI
Data Hold Time Input
(Note 3)
0
ns
tSU,DAT
Data Set-Up Time
(Note 3)
100
ns
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See “Propagation Delays” in the Operations section for a
discussion of tPHL and tPLH as a function of pull-up resistance and bus
capacitance.
Note 3: Determined by design, not tested in production.
Note 4: Measure points are 0.3 • VCC and 0.7 • VCC.
Note 5: IPULLUPAC varies with temperature and VCC voltage as shown in the
Typical Performance Characteristics section.
Note 6: ICC test performed with connection circuitry active.
Note 7: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com