Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 5 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4308
5
4308f
TA = 25°C, VCC = 3.3V, unless otherwise indicated.
TYPICAL PERFORMANCE CHARACTERISTICS
ICC Enabled Current
vs Temperature
ISD Disabled Current
vs Temperature
Input-Output High to Low
Propagation Delay
vs Temperature
Boost Pull-Up Current
vs Temperature
Input-Output High to Low
Propagation Delay vs Output
Capacitance
Input-Output Offset Voltage
vs Pull-Up Resistance
Output-Input Offset Voltage
vs Pull-Up Resistance
TEMPERATURE (°C)
–50
5.5
6.0
6.5
25
75
4308 G01
5.0
4.5
4.0
–25
0
50
7.0
7.5
8.0
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (°C)
–50
600
650
800
750
700
850
–25
0
25
50
4308 G02
75
900
950
1000
100
TEMPERATURE (°C)
–50
40
60
80
100
–25
0
25
50
4308 G03
75
120
140
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
CIN = COUT = 50pF
RPULLUPIN = RPULLUPOUT = 2.7k
TEMPERATURE (°C)
–50
0
4
8
12
16
20
24
–25
025
50
4308 G04
75
100
CIN = 50pF, COUT = 1nF
RPULLUPIN = RPULLUPOUT = 2.7k
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
OUTPUT CAPACITANCE (pF)
0
50
65
80
95
110
125
140
200
400
600
4308 G05
800
1000
CIN = 50pF
RPULLUPIN = 2.7k
RPULLUPOUT = 2.7k
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
VPULLUPIN = 1.8V
VPULLUPOUT = VCC
INPUT BUS PULL-UP RESISTANCE (k)
0
–206
–204
–202
–200
–198
4
4308 G06
–196
2
6
8
10
OUTPUT BUS PULL-UP RESISTANCE (k)
0
304
302
300
298
296
294
8
4308 G07
246
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com