Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4444
Description  High Voltage Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 3Page - Linear Technology LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology LTC4444 Datasheet HTML 10Page - Linear Technology LTC4444 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4444
7
4444f
BLOCK DIAGRAM
3
6
7
9
HIGH SIDE
LEVEL SHIFTER
VCC UVLO
LDO
VINT
VCC
GND
7.2V TO
13.5V
BOOST
VIN
UP TO 100V
TG
8
TS
BG
4444 BD
1
TINP
BINP
2
5
NC
LOW SIDE
LEVEL SHIFTER
ANTISHOOT-THROUGH
PROTECTION
VCC
VCC
4
TIMING DIAGRAM
90%
INPUT RISE/FALL TIME < 10ns
TINP (BINP)
BG (TG)
BINP (TINP)
TG (BG)
90%
90%
tr
tf
tPHL
tPLH
10%
4444 TD
10%
10%
OPERATION
Overview
The LTC4444 receives ground-referenced, low voltage
digital input signals to drive two N-channel power MOSFETs
in a synchronous buck power supply configuration. The
gate of the low side MOSFET is driven either to VCC or GND,
depending on the state of the input. Similarly, the gate of
the high side MOSFET is driven to either BOOST or TS by
a supply bootstrapped off of the switching node (TS).
Input Stage
The LTC4444 employs CMOS compatible input thresholds
that allow a low voltage digital signal to drive standard
power MOSFETs. The LTC4444 contains an internal
voltage regulator that biases both input buffers for high
side and low side inputs, allowing the input thresholds
(VIH = 2.75V, VIL = 2.3V) to be independent of variations in
VCC. The 450mV hysteresis between VIH and VIL eliminates
false triggering due to noise during switching transitions.
However, care should be taken to keep both input pins
(TINP and BINP) from any noise pickup, especially in high
frequency, high voltage applications. The LTC4444 input
buffers have high input impedance and draw negligible
input current, simplifying the drive circuitry required for
the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com