Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4444
Description  High Voltage Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology LTC4444 Datasheet HTML 10Page - Linear Technology LTC4444 Datasheet HTML 11Page - Linear Technology LTC4444 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4444
9
4444f
APPLICATIONS INFORMATION
Power Dissipation
To ensure proper operation and long-term reliability, the
LTC4444 must not operate beyond its maximum tem-
perature rating. Package junction temperature can be
calculated by:
TJ = TA + PD (θJA)
where:
TJ = Junction temperature
TA = Ambient temperature
PD = Power dissipation
θJA = Junction-to-ambient thermal resistance
Power dissipation consists of standby and switching
power losses:
PD = PDC + PAC + PQG
where:
PDC = Quiescent power loss
PAC = Internal switching loss at input frequency, fIN
PQG = Loss due turning on and off the external MOSFET
with gate charge QG at frequency fIN
The LTC4444 consumes very little quiescent current. The
DC power loss at VCC = 12V and VBOOST-TS = 12V is only
(350μA)(12V) = 4.2mW.
At a particular switching frequency, the internal power loss
increases due to both AC currents required to charge and
discharge internal node capacitances and cross-conduc-
tion currents in the internal logic gates. The sum of the
quiescent current and internal switching current with no
load are shown in the Typical Performance Characteristics
plot of Switching Supply Current vs Input Frequency.
The gate charge losses are primarily due to the large AC
currents required to charge and discharge the capacitance
of the external MOSFETs during switching. For identical
pure capacitive loads CLOAD on TG and BG at switching
frequency fIN, the load losses would be:
PCLOAD = (CLOAD)(f)[(VBOOST-TS)2 + (VCC)2]
In a typical synchronous buck configuration, VBOOST-TS
is equal to VCC – VD, where VD is the forward voltage
drop across the diode between VCC and BOOST. If this
drop is small relative to VCC, the load losses can be
approximated as:
PCLOAD = 2(CLOAD)(fIN)(VCC)2
Unlike a pure capacitive load, a power MOSFET’s gate
capacitance seen by the driver output varies with its VGS
voltage level during switching. A MOSFET’s capacitive load
power dissipation can be calculated using its gate charge,
QG. The QG value corresponding to the MOSFET’s VGS
value (VCC in this case) can be readily obtained from the
manufacturer’s QG vs VGS curves. For identical MOSFETs
on TG and BG:
PQG = 2(VCC)(QG)(fIN)
To avoid damage due to power dissipation, the LTC4444
includes a temperature monitor that will pull BG and TG
low if the junction temperature rises above 160°C. Normal
operation will resume when the junction temperature cools
to less than 135°C.
Bypassing and Grounding
The LTC4444 requires proper bypassing on the VCC
and VBOOST-TS supplies due to its high speed switching
(nanoseconds) and large AC currents (Amperes). Careless
component placement and PCB trace routing may cause
excessive ringing.
To obtain the optimum performance from the LTC4444:
A. Mount the bypass capacitors as close as possible
between the VCC and GND pins and the BOOST and
TS pins. The leads should be shortened as much as
possible to reduce lead inductance.
B. Use a low inductance, low impedance ground plane
to reduce any ground drop and stray capacitance.
Remember that the LTC4444 switches greater than
3A peak currents and any significant ground drop will
degrade signal integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com