Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4444
Description  High Voltage Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 2Page - Linear Technology LTC4444 Datasheet HTML 3Page - Linear Technology LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology LTC4444 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4444
6
4444f
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Supply Current vs
Input Frequency
Switching Supply Current vs
Load Capacitance
TINP (Pin 1): High Side Input Signal. Input referenced
to GND. This input controls the high side driver output
(TG).
BINP (Pin 2): Low Side Input Signal. This input controls
the low side driver output (BG).
VCC (Pin 3): Supply. This pin powers input buffers, logic
and the low side gate driver output directly and the high
side gate driver output through an external diode con-
nected between this pin and BOOST (Pin 6). A low ESR
ceramic bypass capacitor should be tied between this pin
and GND (Pin 9).
BG (Pin 4): Low Side Gate Driver Output (Bottom Gate).
This pin swings between VCC and GND.
NC (Pin 5): No Connect. No connection required.
BOOST (Pin 6): High Side Bootstrapped Supply. An ex-
ternal capacitor should be tied between this pin and TS
(Pin 8). Normally, a bootstrap diode is connected between
VCC (Pin 3) and this pin. Voltage swing at this pin is from
VCC – VD to VIN + VCC – VD, where VD is the forward volt-
age drop of the bootstrap diode.
TG (Pin 7): High Side Gate Driver Output (Top Gate). This
pin swings between TS and BOOST.
TS (Pin 8): High Side MOSFET Source Connection (Top
Source).
Exposed Pad (Pin 9): Ground. Must be soldered to PCB
ground for optimal thermal performance.
SWITCHING FREQUENCY (kHz)
0
1.5
2.0
2.5
600
1000
4444 G18
1.0
0.5
0
200
400
800
3.0
3.5
4.0
IBOOST
(TG SWITCHING)
IBOOST (BG SWITCHING)
IVCC
(BG SWITCHING)
IVCC
(TG SWITCHING)
TA = 25°C
VCC = BOOST = 12V
TS = GND
LOAD CAPACITANCE (nF)
1
10
100
1
345
0.1
27
8
9
6
10
"""" /'
IVCC
(BG SWITCHING
AT 1MHz)
IBOOST
(TG SWITCHING
AT 500kHz)
IBOOST
(TG SWITCHING
AT 1MHz)
IBOOST (BG SWITCHING AT 1MHz OR 5OOkHz)
IVCC
(BG SWITCHING
AT 500kHz)
IVCC
(TG SWITCHING AT 500kHz)
IVCC
(TG SWITCHING
AT 1MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com