Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4444
Description  High Voltage Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 4 Page - Linear Technology

  LTC4444 Datasheet HTML 1Page - Linear Technology LTC4444 Datasheet HTML 2Page - Linear Technology LTC4444 Datasheet HTML 3Page - Linear Technology LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4444
4
4444f
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Quiescent Current
vs Voltage
BOOST-TS Supply Quiescent
Current vs Voltage
VCC Supply Current vs
Temperature
Boost Supply Current
vs Temperature
Output Low Voltage (VOL)
vs Supply Voltage
Output High Voltage (VOH) vs
Supply Voltage
Input Thresholds (TINP, BINP) vs
Supply Voltage
Input Thresholds (TINP, BINP) vs
Temperature
Input Thresholds (TINP, BINP)
Hysteresis vs Voltage
VCC SUPPLY VOLTAGE (V)
0
0
50
150
200
250
6 7 8 9 10 11 12 13
450
4444 G01
100
12345
14
300
350
400
TINP = BINP = 0V
TINP(BINP) = 12V
TA = 25°C
BOOST = 12V
TS = GND
BOOST SUPPLY VOLTAGE (V)
0
0
50
150
200
250
6 7 8 9 10111213
400
4444 G02
100
12345
14
300
350
TINP = BINP = 0V
TINP = 0V, BINP = 12V
TINP = 12V, BINP = 0V
TA = 25°C
VCC = 12V
TS = GND
TEMPERATURE (
°C)
350
360
370
4444 G03
330
300
–40 –25 –10 5
20 35 50 65 80 95 110 125
380
340
320
310
TINP = BINP = 0V
VCC = BOOST = 12V
TS = GND
TINP(BINP) = 12V
TEMPERATURE (
°C)
250
300
350
4444 G04
150
0
–40 –25 –10 5
20 35 50 65 80 95 110 125
400
200
100
50
TINP = 12V
BINP = 0V
TINP = 0V
BINP = 12V
TINP = BINP = 0V
VCC = BOOST = 12V
TS = GND
SUPPLY VOLTAGE (V)
7
140
10
444343 G05
80
40
89
11
20
0
160
120
100
60
12
13
14
VOL(TG)
VOL(BG)
TA = 25°C
ITG(BG) = 100mA
BOOST = VCC
TS = GND
SUPPLY VOLTAGE (V)
7
5
6
8
9
10
15
12
9
11
12
4444 G06
7
13
–1mA
14
11
8
10
13
14
TA = 25°C
BOOST = VCC
TS = GND
–10mA
–100mA
SUPPLY VOLTAGE (V)
7
2.1
2.2
2.4
2.5
2.6
3.1
2.8
9
11
12
4444 G07
2.3
2.9
3.0
2.7
8
10
13
14
TA = 25°C
BOOST = VCC
TS = GND
VIH(TG,BG)
VIL(TG,BG )
SUPPLY VOLTAGE (V)
78
375
425
500
9
11
12
4444 G09
400
475
450
10
13
14
TA = 25°C
VCC = BOOST = 12V
TS = GND
TEMPERATURE (
°C)
–25
2.6
2.8
3.0
95
4444 G08
2.4
2.2
2.5
2.7
2.9
2.3
2.1
2.0
5
35
65
–10
–40
110
20
50
80
125
VCC = BOOST = 12V
TS = GND
VIH(TG,BG)
VIL(TG,BG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com