Electronic Components Datasheet Search
  English  ▼

X  

LTC1745 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1745
Description  Low Noise,12-Bit, 25Msps ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745 Datasheet(HTML) 1 Page - Linear Technology

  LTC1745 Datasheet HTML 1Page - Linear Technology LTC1745 Datasheet HTML 2Page - Linear Technology LTC1745 Datasheet HTML 3Page - Linear Technology LTC1745 Datasheet HTML 4Page - Linear Technology LTC1745 Datasheet HTML 5Page - Linear Technology LTC1745 Datasheet HTML 6Page - Linear Technology LTC1745 Datasheet HTML 7Page - Linear Technology LTC1745 Datasheet HTML 8Page - Linear Technology LTC1745 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1745
1745f
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
Low Noise,12-Bit, 25Msps ADC
s
Sample Rate: 25Msps
s
72.5dB SNR and 91dB SFDR (3.2V Range)
s
71dB SNR and 96dB SFDR (2V Range)
s
No Missing Codes
s
Single 5V Supply
s
Low Power Dissipation: 380mW
s
Selectable Input Ranges:
±1V or ±1.6V
s
240MHz Full Power Bandwidth S/H
s
Pin Compatible Family
25 Msps: LTC1746 (14-Bit), LTC1745 (12-Bit)
50 Msps: LTC1744 (14-Bit), LTC1743 (12-Bit)
65 Msps: LTC1742 (14-Bit), LTC1741 (12-Bit)
80 Msps: LTC1748 (14-Bit), LTC1747 (12-Bit)
s
Telecommunications
s
Medical Imaging
s
Receivers
s
Base Stations
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1745 is a 25Msps, sampling 12-bit A/D con-
verter designed for digitizing high frequency, wide dy-
namic range signals. Pin selectable input ranges of
±1V
and
±1.6V along with a resistor programmable mode
allow the LTC1745’s input range to be optimized for a wide
variety of applications.
The LTC1745 is perfect for demanding communications
applications with AC performance that includes 72.5dB
SNR and 91dB spurious free dynamic range. Ultralow jitter
of 0.3psRMS allows undersampling with excellent noise
performance. DC specs include
±1LSB INL maximum and
±0.75LSB DNL over temperature.
The digital interface is compatible with 5V, 3V and 2V logic
systems. The ENC and ENC inputs may be driven differen-
tially from PECL, GTL and other low swing logic families or
from single-ended TTL or CMOS. The low noise, high gain
ENC and ENC inputs may also be driven by a sinusoidal
signal without degrading performance. A separate digital
output power supply can be operated from 0.5V to 5V,
making it easy to connect directly to low voltage DSPs
or FIFOs.
The TSSOP package with a flow-through pinout simplifies
the board layout.
25Msps, 12-Bit ADC with a
±1V Differential Input Range
12-BIT
PIPELINED ADC
12
S/H
AMP
±1V
DIFFERENTIAL
ANALOG INPUT
AIN
+
AIN
–
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1745 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2.35VREF
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D11
D0
CLKOUT
OF
•
•
•
ENC
DIFFERENTIAL
ENCODE INPUT
OE
MSBINV
0.1
µF


Similar Part No. - LTC1745

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
Low Noise,12-Bit, 25Msps ADC
More results

Similar Description - LTC1745

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
Low Power,14-Bit, 25Msps ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2226H LINER-LTC2226H Datasheet
190Kb / 16P
12-Bit, 25Msps 125째C ADC in LQFP
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
Low Power,14-Bit, 25Msps ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
12-Bit, 25Msps 125C ADC in LQFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com