Electronic Components Datasheet Search
  English  ▼

X  

LTC1745 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1745
Description  Low Noise,12-Bit, 25Msps ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745 Datasheet(HTML) 4 Page - Linear Technology

  LTC1745 Datasheet HTML 1Page - Linear Technology LTC1745 Datasheet HTML 2Page - Linear Technology LTC1745 Datasheet HTML 3Page - Linear Technology LTC1745 Datasheet HTML 4Page - Linear Technology LTC1745 Datasheet HTML 5Page - Linear Technology LTC1745 Datasheet HTML 6Page - Linear Technology LTC1745 Datasheet HTML 7Page - Linear Technology LTC1745 Datasheet HTML 8Page - Linear Technology LTC1745 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1745
1745f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
4.75
5.25
V
IDD
Positive Supply Current
2V Range, Full-Scale Input
q
76
91
mA
PDIS
Power Dissipation
2V Range, Full-Scale Input
q
380
455
mW
OVDD
Digital Output Supply Voltage
0.5
VDD
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE
Sampling Frequency
(Note 9)
q
1
25
MHz
t1
ENC Low Time
(Note 9)
q
19
20
1000
ns
t2
ENC High Time
(Note 9)
q
19
20
1000
ns
t3
Aperture Delay of Sample-and-Hold
0
ns
t4
ENC to Data Delay
CL = 10pF (Note 8)
q
1.4
4
10
ns
t5
ENC to CLKOUT Delay
CL = 10pF (Note 8)
q
0.5
2
5
ns
t6
CLKOUT to Data Delay
CL = 10pF (Note 8)
q
02
ns
t7
DATA Access Time After OE
↓
CL = 10pF (Note 8)
10
25
ns
t8
BUS Relinquish Time
(Note 8)
10
25
ns
Data Latency
5
cycles
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
TI I G CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with GND
(unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND, they will be
clamped by internal diodes. This product can handle input currents of
>100mA below GND without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 25MHz, differential ENC/ENC = 2VP-P 25MHz
sine wave, input range =
±1.6V differential, unless otherwise specified.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar offset is the offset voltage measured from – 0.5 LSB
when the output code flickers between 0000 0000 0000 and
1111 1111 1111.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
MSBINV and OE Only
1.5
pF
VOH
High Level Output Voltage
OVDD = 4.75V
IO = –10µA
4.74
V
IO = – 200µA
q
4V
VOL
Low Level Output Voltage
OVDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
q
0.1
0.4
V
IOZ
Hi-Z Output Leakage D11 to D0
VOUT = 0V to VDD, OE = High
q
±10
µA
COZ
Hi-Z Output Capacitance D11 to D0
OE = High (Note 8)
q
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 50
mA
ISINK
Output Sink Current
VOUT = 5V
50
mA
The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
DIGITAL I PUTS A D DIGITAL OUTPUTS
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
POWER REQUIRE E TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com