Electronic Components Datasheet Search
  English  ▼

X  

LTC1745 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1745
Description  Low Noise,12-Bit, 25Msps ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1745 Datasheet HTML 2Page - Linear Technology LTC1745 Datasheet HTML 3Page - Linear Technology LTC1745 Datasheet HTML 4Page - Linear Technology LTC1745 Datasheet HTML 5Page - Linear Technology LTC1745 Datasheet HTML 6Page - Linear Technology LTC1745 Datasheet HTML 7Page - Linear Technology LTC1745 Datasheet HTML 8Page - Linear Technology LTC1745 Datasheet HTML 9Page - Linear Technology LTC1745 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1745
1745f
TYPICAL PERFOR A CE CHARACTERISTICS
Grounded Input Histogram
SNR vs Sample Rate,
Input Frequency = 5MHz, –1dB
SFDR vs Sample Rate,
Input Frequency = 5MHz, –1dB
SNR vs Input Frequency and
Amplitude 3.2V Range
SNR vs Input Frequency and
Amplitude 2V Range
SFDR vs Input Frequency
and Amplitude, 3.2V Range
SFDR vs Input Frequency
and Amplitude, 2V Range
CODE
35000
30000
25000
20000
15000
10000
5000
0
2042
2043
1745 G10
2041
SAMPLE RATE (Msps)
0
66
68
70
72
10
20
30
40
1745 G11
50
60
67
69
71
73
3.2V RANGE
2V RANGE
SAMPLE RATE (Msps)
0
60
70
80
90
100
110
10
20
30
40
1745 G12
50
60
3.2V RANGE
2V RANGE
INPUT FREQUENCY (MHz)
50
60
70
80
55
65
75
20
40
60
80
1745 G13
100
10
030
50
70
90
–1dBFS
–6dBFS
–20dBFS
INPUT FREQUENCY (MHz)
50
60
70
80
55
65
75
20
40
60
80
1745 G14
100
10
030
50
70
90
–1dBFS
–6dBFS
–20dBFS
INPUT FREQUENCY (MHz)
0
40
50
70
80
90
110
10
50
70
1746 G15
60
100
40
90 100
20 30
60
80
–20dBFS
–6dBFS
–1dBFS
INPUT FREQUENCY (MHz)
0
40
50
70
80
90
110
50
1745 G16
60
100
150
200
100
–1dBFS
–6dBFS
–20dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com