Electronic Components Datasheet Search
  English  ▼

X  

LTC1745 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1745
Description  Low Noise,12-Bit, 25Msps ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745 Datasheet(HTML) 5 Page - Linear Technology

  LTC1745 Datasheet HTML 1Page - Linear Technology LTC1745 Datasheet HTML 2Page - Linear Technology LTC1745 Datasheet HTML 3Page - Linear Technology LTC1745 Datasheet HTML 4Page - Linear Technology LTC1745 Datasheet HTML 5Page - Linear Technology LTC1745 Datasheet HTML 6Page - Linear Technology LTC1745 Datasheet HTML 7Page - Linear Technology LTC1745 Datasheet HTML 8Page - Linear Technology LTC1745 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1745
1745f
TYPICAL PERFOR A CE CHARACTERISTICS
Nonaveraged, 32768 Point FFT,
Input Frequency = 5MHz,
3.2V Range
Typical INL
Typical DNL
Nonaveraged, 32768 Point FFT,
Input Frequency = 30MHz,
2V Range
Nonaveraged, 32768 Point FFT,
Input Frequency = 30MHz,
3.2V Range
Nonaveraged, 32768 Point FFT,
Input Frequency = 5MHz,
2V Range
Nonaveraged, 32768 Point
2-Tone FFT, Input Frequency =
4MHz and 5.1MHz, 3.2V Range
Nonaveraged, 32768 Point FFT,
Input Frequency = 70MHz,
2V Range
Nonaveraged, 32768 Point
2-Tone FFT, Input Frequency =
4MHz and 5.1MHz, 2V Range
CODE
0
–1.0
–0.5
0
0.5
1.0
1000
2000
1745 G01
3000
4000
CODE
0
–1.0
–0.5
0
0.5
1.0
1000
2000
1745 G02
3000
4000
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G03
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G04
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G05
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G06
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G07
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G08
FREQUENCY (MHz)
0
–60
–70
–80
–90
–100
–110
–120
–50
–40
0
–20
2
6
812
–10
–30
4
10
1745 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com