Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416 Datasheet(HTML) 1 Page - Linear Technology

  LTC6416 Datasheet HTML 1Page - Linear Technology LTC6416 Datasheet HTML 2Page - Linear Technology LTC6416 Datasheet HTML 3Page - Linear Technology LTC6416 Datasheet HTML 4Page - Linear Technology LTC6416 Datasheet HTML 5Page - Linear Technology LTC6416 Datasheet HTML 6Page - Linear Technology LTC6416 Datasheet HTML 7Page - Linear Technology LTC6416 Datasheet HTML 8Page - Linear Technology LTC6416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC6416
1
6416f
The LTC®6416 is a differential unity gain buffer designed
to drive 16-bit ADCs with extremely low output noise
and excellent linearity beyond 300MHz. Differential input
impedance is 12kΩ, allowing 1:4 and 1:8 transformers to
be used at the input to achieve additional system gain.
With no external biasing or gain setting components and
a flow-through pinout, the LTC6416 is very easy to use.
It can be DC-coupled and has a common mode output
offset of –40mV. If the input signals are AC-coupled, the
LTC6416 input pins are internally biased to provide an
output common mode voltage that is set by the voltage
on the VCM pin.
In addition the LTC6416 has high speed, fast recovery
clamping circuitry to limit output signal swing. Both the
high and low clamp voltages are internally biased to allow
maximum output swing but are also user programmable
via the CLLO and CLHI pins.
Supply current is nominally 42mA and the LTC6416 oper-
ates on supply voltages ranging from 2.7V to 3.9V.
The LTC6416 is packaged in a 10-lead 3mm
× 2mm DFN
package. Pinout is optimized for placement directly adjacent
to Linear’s high speed 12-, 14- and 16-bit ADCs.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
TYPICAL APPLICATION
DESCRIPTION
2 GHz Low Noise Differential
16-Bit ADC Buffer
LTC6416 Driving LTC2208 ADC – 140MHz IF
FEATURES
APPLICATIONS
n 2GHz –3dB Small Signal Bandwidth
n 300MHz ±0.1dB Bandwidth
n 1.8nV/√Hz Output Noise
n 46.25dBm Equivalent OIP3 at 140MHz
n 40.25dBm Equivalent OIP3 Up to 300MHz
n –81dBc/–72dBc HD2/HD3 at 140MHz, 2VP-P Out
n –84.5dBc IM3 at 140MHz, 2VP-P Out Composite
n –74dBc/–67.5dBc HD2/HD3 at 300MHz, 2VP-P Out
n –72.5dBc IM3 at 300MHz, 2VP-P Out Composite
n Programmable High Speed, Fast Recovery
Output Clamping
n DC-Coupled Signal Path
n Operates on Single 2.7V to 3.9V Supply
n Low Power: 150mW on 3.6V
n 2mm
× 3mm 10-Pin DFN Package
n Differential ADC Driver
n IF Sampling Receivers
n Impedance Transformer
n SAW Filter Interface
n CCD Buffer
25Ω
200Ω
200Ω
1pF
V+
GND
GND
VCM
OUT–
6416 TA01a
OUT+
1.5pF
1.5pF
0.1μF
0.1μF
3.6V
2.2μF
25Ω
3.3V
1:8
MINI-CIRCUITS
TCM8-1+
50Ω
+
–
AIN+
AIN–
PGA = 1
LTC2208
IN+
CLHI
CLLO
IN–
LTC6416
680pF
CLOCK
(130MHz)
16
FREQUENCY (MHz)
0
60
6416 TA01b
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
30
20
40
50
0
V+ = 3.6V
HD2 = –94dBc
HD3 = –89.1dBc
SFDR = 89.1dB
SNR = 70.7dB
MEASURED USING DC1257B
WITH MINI-CIRCUIT TCM8-1+
1:8 TRANSFORMER
LTC6416 Driving LTC2208 ADC
with 1:8 Transformer fIN =140MHz,
fS = 130MHz, –1dBFS, PGA = 1


Similar Part No. - LTC6416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416 Datasheet
439Kb / 24P
10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6416 LINER-LTC6416 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
635Kb / 16P
50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
logo
Analog Devices
LTC6416 AD-LTC6416 Datasheet
391Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
More results

Similar Description - LTC6416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC6417 LINER-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
Low Noise, 2:8 Differential Fanout Buffer
1/2018-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com