Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416 Datasheet(HTML) 5 Page - Linear Technology

  LTC6416 Datasheet HTML 1Page - Linear Technology LTC6416 Datasheet HTML 2Page - Linear Technology LTC6416 Datasheet HTML 3Page - Linear Technology LTC6416 Datasheet HTML 4Page - Linear Technology LTC6416 Datasheet HTML 5Page - Linear Technology LTC6416 Datasheet HTML 6Page - Linear Technology LTC6416 Datasheet HTML 7Page - Linear Technology LTC6416 Datasheet HTML 8Page - Linear Technology LTC6416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC6416
5
6416f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential AC Characteristics
–3dBBW
–3dB Bandwidth
200mVP-P,OUT Differential
2
GHz
0.1dBBW
±0.1dB Bandwidth
200mVP-P,OUT Differential
0.3
GHz
0.5dBBW
±0.5dB Bandwidth
200mVP-P,OUT Differential
1.4
GHz
1/f
1/f Noise Corner
25
kHz
SR
Slew Rate
Differential
3.4
V/ns
tS1%
1% Settling Time
2VP-P,OUT
1.8
ns
Common Mode AC Characteristics (VCM Pin)
–3dBBWVCM
VCM Pin Small Signal –3dB BW
VCM = 0.1VP-P, Measured Single-Ended
at Output
9MHz
SRCM
Common Mode Slew Rate
Measured Single-Ended at Output
40
V/μs
AC Clamping Characteristics
tOVDR
Overdrive Recovery Time
1.9VP-P,OUT
5ns
AC Linearity
70MHz Signal
HD2
Second Harmonic Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.3V, VCM = 1.25V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–83.5
–71
–78.5
–88.5
dBc
dBc
dBc
dBc
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3.3V and 3.6V unless otherwise noted, GND = 0V, No RLOAD,
CLOAD = 6pF. VCM = 1.25V, CLHI = VCC, CLLO = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as
(OUT+ + OUT–)/2. VINDIFF is defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Clamping Characteristics
VCLHIDEFAULT
Default Output Clamp Voltage, High
l
2.1
2.23
2.4
V
VOS (CLHI – VOUTCM) Offset Voltage, CLHI to VOUTCM
l
–55
4
55
mV
VCLLODEFAULT
Default Output Clamp Voltage, Low
l
0.1
0.25
0.4
V
VOS (CLLO – VOUTCM) Offset Voltage, CLLO to VOUTCM
l
–120
–72
0
mV
RCLHI
CLHI Pin Input Resistance
VCLHI = 2.25V
l
3
4.1
5
kΩ
IBCLHI
CLHI Pin Bias Current
VCLHI = 2.25V
l
–25
–1
25
μA
RCLLO
CLLO Pin Input Resistance
VCLLO = 0.25V
l
1.5
2.3
3.2
kΩ
IBCLLO
CLLO Pin Bias Current
VCLLO = 0.25V
l
–25
3
25
μA
Power Supply
VS
Supply Voltage Range
l
2.7
3.9
V
IS
Supply Current
l
33
42
51
54
mA
mA
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 3.6V
l
57.5
80
dB
The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3.3V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V,
CLHI = V+, CLLO = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
3.3V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com