Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6416 Datasheet HTML 2Page - Linear Technology LTC6416 Datasheet HTML 3Page - Linear Technology LTC6416 Datasheet HTML 4Page - Linear Technology LTC6416 Datasheet HTML 5Page - Linear Technology LTC6416 Datasheet HTML 6Page - Linear Technology LTC6416 Datasheet HTML 7Page - Linear Technology LTC6416 Datasheet HTML 8Page - Linear Technology LTC6416 Datasheet HTML 9Page - Linear Technology LTC6416 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6416
6
6416f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6416C/LTC6416I is guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 3: The LTC6416C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C and 85°C but is not tested or QA sampled
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HD3
Third Harmonic Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.3V, VCM = 1.25V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–73
–60
–94.5
–83
dBc
dBc
dBc
dBc
IM3
Output Third Order Intermodulation
Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–76.5
–86
dBc
dBc
OIP3
Output Third Order Intercept (Equivalent)
(Note 5)
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
42.25
47
dBm
dBm
P1dB
Output 1dB Compression Point (Equivalent)
(Note 5)
V+ = 3.6V, VCM = 1.25V
14.1
dBm
140MHz Signal
HD2
Second Harmonic Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.3V, VCM = 1.25V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–79.5
–75.5
–73
–81
dBc
dBc
dBc
dBc
HD3
Third Harmonic Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.3V, VCM = 1.25V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–64
–55
–70
–72
dBc
dBc
dBc
dBc
IM3
Output Third Order Intermodulation
Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–75
–84.5
dBc
dBc
OIP3
Output Third Order Intercept (Equivalent)
(Note 5)
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
41.5
46.25
dBm
dBm
P1dB
Output 1dB Compression Point (Equivalent)
(Note 5)
V+ = 3.6V, VCM = 1.25V
14.1
dBm
300MHz Signal
HD2
Second Harmonic Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.3V, VCM = 1.25V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–75
–65
–69.5
–74
dBc
dBc
dBc
dBc
HD3
Third Harmonic Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.3V, VCM = 1.25V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–59
–51.5
–63
–67.5
dBc
dBc
dBc
dBc
IM3
Output Third Order Intermodulation
Distortion
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
–68.5
–72.5
–64
dBc
dBc
OIP3
Output Third Order Intercept (Equivalent)
(Note 5)
V+ = 3.3V, VCM = 1.05V, VOUTDIFF = 2VP-P
V+ = 3.6V, VCM = 1.25V, VOUTDIFF = 2VP-P
36
38.25
40.25
dBm
dBm
P1dB
Output 1dB Compression Point (Equivalent)
(Note 5)
V+ = 3.6V, VCM = 1.25V
12.9
dBm
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3.3V and 3.6V unless otherwise noted, GND = 0V, No RLOAD,
CLOAD = 6pF. VCM = 1.25V, CLHI = VCC, CLLO = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as
(OUT+ + OUT–)/2. VINDIFF is defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
at these temperatures. The LT6416I is guaranteed to meet specified
performance from –40°C to 85°C.
Note 4: This parameter is pulse tested.
Note 5: Since the LTC6416 is a voltage-output buffer, a resistive load is not
required when driving an AD converter. Therefore, typical output power is very
small. In order to compare the LTC6416 with amplifiers that require a 50Ω
output load, the LTC6416 output voltage swing driving a given RL is converted
to OIP3 and P1dB as if it were driving a 50Ω load. Using this modified
convention, 2VP-P is by definition equal to 10dBm, regardless of actual RL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com