Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416 Datasheet(HTML) 3 Page - Linear Technology

  LTC6416 Datasheet HTML 1Page - Linear Technology LTC6416 Datasheet HTML 2Page - Linear Technology LTC6416 Datasheet HTML 3Page - Linear Technology LTC6416 Datasheet HTML 4Page - Linear Technology LTC6416 Datasheet HTML 5Page - Linear Technology LTC6416 Datasheet HTML 6Page - Linear Technology LTC6416 Datasheet HTML 7Page - Linear Technology LTC6416 Datasheet HTML 8Page - Linear Technology LTC6416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC6416
3
6416f
3.6V ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3.6V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V,
CLHI = V+, CLLO = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVRMIN
Input Voltage Range, IN+, IN–
(Minimum) (Single-Ended)
Defined by Output Voltage Swing Test
l
0.1
V
IVRMAX
Input Voltage Range IN+, IN–
(Maximum) (Single-Ended)
Defined by Output Voltage Swing Test
l
2.4
V
IB
Input Bias Current, IN+, IN–
IN+ = IN– = 1.25V
l
–15
–5
15
μA
RINDIFF
Differential Input Resistance
VINDIFF = ±1.2V
l
912
15
kΩ
CINDIFF
Differential Input Capacitance
1
pF
RINCM
Input Common Mode Resistance
IN+ = IN– = 0.65V to 1.85V
6
kΩ
CMRR
Common Mode Rejection Ratio
IN+ = IN– = 0.65V to 1.85V,
CMRR = (VOUTDIFF/GDIFF/1.2V)
l
63.5
59.6
83
dB
dB
eN
Input Noise Voltage Density
f = 100kHz
1.8
nV/√Hz
iN
Input Noise Current Density
f = 100kHz
6.5
pA/√Hz
Output Common Mode Voltage Control
GCM
VCM Pin Common Mode Gain
VCM = 0.65V to 1.85V
l
0.9
0.96
1.05
V/V
VINCMDEFAULT
Default Input Common Mode Voltage
VINCM. IN+, IN–, VCM Pin Floating
l
1.3
1.38
1.45
V
VOS (VCM – VINCM)
Offset Voltage, VCM to VINCM
VCM – VINCM, VCM = 1.25V
l
–70
–28
70
mV
VOUTCMDEFAULT
Default Output Common Mode Voltage
Inputs Floating, VCM Pin Floating
l
1.25
1.34
1.45
V
VOS (VCM – VOUTCM)
Offset Voltage, VCM to VOUTCM
VCM – VOUTCM, VCM = 1.25V
l
–60
15
60
mV
VOUTCMMIN
Output Common Mode Voltage Range
(Minimum)
VCM = 0.1V
l
0.37
0.5
0.55
V
V
VOUTCMMAX
Output Common Mode Voltage Range
(Maximum)
VCM = 2.7V
l
2.3
2.25
2.46
V
V
VCMDEFAULT
VCM Pin Default Voltage
l
1.325
1.36
1.425
V
RVCM
VCM Pin Input Resistance
l
2.5
3.8
5.1
kΩ
CVCM
VCM Pin Input Capacitance
1
pF
IBVCM
VCM Pin Bias Current
VCM = 1.25V
l
–50
–32
50
μA
DC Clamping Characteristics
VCLHIDEFAULT
Default Output Clamp Voltage, High
l
2.3
2.45
2.6
V
VOS (CLHI – VOUTCM) Offset Voltage, CLHI to VOUTCM
l
–55
13
55
mV
VCLLODEFAULT
Default Output Clamp Voltage, Low
l
0.125
0.265
0.425
V
VOS (CLLO – VOUTCM) Offset Voltage, CLLO to VOUTCM
l
–120
–70
0
mV
RCLHI
CLHI Pin Input Resistance
VCLHI = 2.45V
l
3
4.1
5
kΩ
IBCLHI
CLHI Pin Bias Current
VCLHI = 2.45V
l
–25
–1
25
μA
RCLLO
CLLO Pin Input Resistance
VCLLO = 0.275V
l
1.5
2.3
3.2
kΩ
IBCLLO
CLLO Pin Bias Current
VCLLO = 0.275V
l
–25
4.5
25
μA
Power Supply
VS
Supply Voltage Range
l
2.7
3.9
V
IS
Supply Current
l
33
42
51
54
mA
mA
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 3.6V
l
57.5
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com