Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6416 Datasheet HTML 10Page - Linear Technology LTC6416 Datasheet HTML 11Page - Linear Technology LTC6416 Datasheet HTML 12Page - Linear Technology LTC6416 Datasheet HTML 13Page - Linear Technology LTC6416 Datasheet HTML 14Page - Linear Technology LTC6416 Datasheet HTML 15Page - Linear Technology LTC6416 Datasheet HTML 16Page - Linear Technology LTC6416 Datasheet HTML 17Page - Linear Technology LTC6416 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC6416
14
6416f
165Ω
0.1μF
0.1μF
1:1
0.1μF
IN+
IN–
3
4
OUT–
6416 F03
OUT+
7
8
LTC6416
50Ω
165Ω
VIN
IN+
IN–
3
4
100Ω
100Ω
50Ω
OUT–
6416 F02
OUT+
7
8
LTC6416
0.1μF
0.1μF
1:4
+
–
0.1μF
APPLICATIONS INFORMATION
Figure 2. Input Termination for Differential 50Ω Input Impedance Using a 1:4 Balun
Figure 3. Output Termination for Differential 400Ω Load Impedance Using a 1:1 Balun
Figure 4. Output Termination for Differential 400Ω Load Impedance Using a 4:1 Balun
90.9Ω
0.1μF
0.1μF
4:1
0.1μF
IN+
IN–
3
4
OUT–
6416 F04
OUT+
7
8
LTC6416
50Ω
90.9Ω
Figure 5. DC1257B Simplified Schematic with Suggested Output Termination for Driving an LTC2208 16-Bit ADC at 140MHz
V+
VCM
OUT–
6416 F05
OUT+
3.6V
2.2μF
IN+
CLHI
CLLO
IN–
LTC6416
1pF
1.5pF
1.5pF
3.3V
CLOCK
(130MHz)
DATA
16
VCM
LTC2208
AIN+
AIN–
25Ω
25Ω
GND
GND
R36
100Ω
R15
100Ω
0.1μF
C39
0.01μF
3
2
1
6
4
50Ω
680pF
T1
TCM4-19+
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com