Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 5Page - Linear Technology LTM4603 Datasheet HTML 6Page - Linear Technology LTM4603 Datasheet HTML 7Page - Linear Technology LTM4603 Datasheet HTML 8Page - Linear Technology LTM4603 Datasheet HTML 9Page - Linear Technology LTM4603 Datasheet HTML 10Page - Linear Technology LTM4603 Datasheet HTML 11Page - Linear Technology LTM4603 Datasheet HTML 12Page - Linear Technology LTM4603 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4603/LTM4603-1
9
4603f
DECOUPLI G REQUIRE E TS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 6A
20
µF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 6A
100
200
µF
TA = 25°C, VIN = 12V. Use Figure 1 configuration.
OPERATIO
Power Module Description
The LTM4603 is a standalone nonisolated switching mode
DC/DC power supply. It can deliver up to 6A of DC output
current with few external input and output capacitors.
This module provides precisely regulated output voltage
programmable via one external resistor from 0.6VDC to
5.0VDC over a 4.5V to 20V wide input voltage. The typical
application schematic is shown in Figure 18.
The LTM4603 has an integrated constant on-time current
mode regulator, ultralow RDS(ON) FETs with fast switching
speed and integrated Schottky diodes. The typical switching
frequency is 1MHz at full load. With current mode control
and internal feedback loop compensation, the LTM4603
module has sufficient stability margins and good transient
performance under a wide range of operating conditions
and with a wide range of output capacitors, even all ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current
limit. Besides, foldback current limiting is provided in an
overcurrent condition while VFBdrops.Internalovervoltage
and undervoltage comparators pull the open-drain PGOOD
output low if the output feedback voltage exits a ±10%
window around the regulation point. Furthermore, in an
overvoltage condition, internal top FET Q1 is turned off
and bottom FET Q2 is turned on and held on until the
overvoltage condition clears.
Pulling the RUN pin below 1V forces the controller into its
shutdown state, turning off both Q1 and Q2. At low load
current, the module works in continuous current mode by
default to achieve minimum output voltage ripple.
When DRVCC pin is connected to INTVCC an integrated
5V linear regulator powers the internal gate drivers. If a
5V external bias supply is applied on the DRVCC pin, then
an efficiency improvement will occur due to the reduced
power loss in the internal linear regulator. This is especially
true at the higher input voltage range.
The LTM4603 has a very accurate differential remote
sense amplifier with very low offset. This provides for
very accurate remote sense voltage measurement. The
MPGM pin, MARG0 pin and MARG1 pin are used to sup-
port voltage margining, where the percentage of margin
is programmed by the MPGM pin, and the MARG0 and
MARG1 select margining.
The PLLIN pin provides frequency synchronization of the
device to an external clock. The TRACK/SS pin is used for
power supply tracking and soft-start programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com