Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 5 Page - Linear Technology

  LTM4603 Datasheet HTML 1Page - Linear Technology LTM4603 Datasheet HTML 2Page - Linear Technology LTM4603 Datasheet HTML 3Page - Linear Technology LTM4603 Datasheet HTML 4Page - Linear Technology LTM4603 Datasheet HTML 5Page - Linear Technology LTM4603 Datasheet HTML 6Page - Linear Technology LTM4603 Datasheet HTML 7Page - Linear Technology LTM4603 Datasheet HTML 8Page - Linear Technology LTM4603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4603/LTM4603-1
5
4603f
Efficiency vs Load Current
with 5VIN
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
with 12VIN
Efficiency vs Load Current
with 20VIN
1.2V Transient Response
1.5V Transient Response
2.5V Transient Response
3.3V Transient Response
(See Figure 18 for all curves)
1.8V Transient Response
OUTPUT CURRENT (A)
0
0.50
0.55
0.65
0.70
0.75
1.00
0.85
2
4
5
4603 G01
0.60
0.90
0.95
0.80
1
3
6
7
5VIN, 0.6VOUT
5VIN, 1.2VOUT
5VIN, 1.5VOUT
5VIN, 1.8VOUT
5VIN, 2.5VOUT
5VIN, 3.3VOUT
OUTPUT CURRENT (A)
0
0.60
0.90
0.95
1.00
2
4
5
4603 G02
0.50
0.45
0.80
0.70
0.55
0.85
0.40
0.75
0.65
1
3
6
7
12VIN, 1.2VOUT
12VIN, 1.5VOUT
12VIN, 1.8VOUT
12VIN, 2.5VOUT
12VIN, 3.3VOUT
12VIN, 5VOUT
OUTPUT CURRENT (A)
0
0.55
0.85
0.90
0.95
2
4
5
4603 G03
0.45
0.75
0.65
0.50
0.80
0.40
0.70
0.60
1
3
6
7
20VIN, 1.5VOUT
20VIN, 1.8VOUT
20VIN, 2.5VOUT
20VIN, 3.3VOUT
20VIN, 5VOUT
LOAD STEP
1A/DIV
VOUT
50mV/DIV
25
µs/DIV
4603 G04
1.2V AT 3A/
µs LOAD STEP
COUT: 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
LOAD STEP
1A/DIV
VOUT
50mV/DIV
25
µs/DIV
4603 G05
1.5V AT 3A/
µs LOAD STEP
COUT: 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
LOAD STEP
1A/DIV
VOUT
50mV/DIV
25
µs/DIV
4603 G07
2.5V AT 3A/
µs LOAD STEP
COUT: 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
LOAD STEP
1A/DIV
VOUT
50mV/DIV
25
µs/DIV
4603 G08
3.3V AT 3A/
µs LOAD STEP
COUT: 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
LOAD STEP
1A/DIV
VOUT
50mV/DIV
25
µs/DIV
4603 G06
1.8V AT 3A/
µs LOAD STEP
COUT: 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com