Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 12Page - Linear Technology LTM4603 Datasheet HTML 13Page - Linear Technology LTM4603 Datasheet HTML 14Page - Linear Technology LTM4603 Datasheet HTML 15Page - Linear Technology LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4603/LTM4603-1
16
4603f
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 18)
TYPICAL MEASURED VALUES
COUT1 VENDORS
PART NUMBER
COUT2 VENDORS
PART NUMBER
TAIYO YUDEN
JMK316BJ226ML-T501 (22µF, 6.3V)
SANYO POSCAP
6TPE220MIL (220µF, 6.3V)
TAIYO YUDEN
JMK325BJ476MM-T (47µF, 6.3V)
SANYO POSCAP
2R5TPE330M9 (330µF, 2.5V)
TDK
C3225X5R0J476M (47µF, 6.3V)
SANYO POSCAP
4TPE330MCL (330µF, 4V)
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
VIN
(V)
DROOP
(mV)
PEAK TO
PEAK (mV)
RECOVERY
TIME (µs)
LOAD STEP
(A/µs)
RSET
(k
Ω)
1.2
2
× 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
5
34
68
30
3
60.4
1.2
2
× 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 2.5V
5
22
40
26
3
60.4
1.2
2
× 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
5
20
40
24
3
60.4
1.2
2
× 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
5
32
60
18
3
60.4
1.2
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
12
34
68
30
3
60.4
1.2
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 2.5V
12
22
40
26
3
60.4
1.2
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
12
20
39
24
3
60.4
1.2
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
12
29.5
55
18
3
60.4
1.5
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
5
35
70
30
3
40.2
1.5
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 2.5V
5
25
48
30
3
40.2
1.5
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
5
24
47.5
26
3
40.2
1.5
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
5
36
68
26
3
40.2
1.5
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
12
35
70
30
3
40.2
1.5
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 2.5V
12
25
48
30
3
40.2
1.5
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
12
24
45
26
3
40.2
1.5
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
12
32.6
61.9
26
3
40.2
1.8
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
5
38
76
37
3
30.1
1.8
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 2.5V
5
29.5
57.5
30
3
30.1
1.8
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
5
28
55
26
3
30.1
1.8
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
5
43
80
26
3
30.1
1.8
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
12
38
76
37
3
30.1
1.8
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 2.5V
12
28
55
30
3
30.1
1.8
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
12
27
52
26
3
30.1
1.8
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
12
36.4
70
26
3
30.1
2.5
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
5
38
78
40
3
19.1
2.5
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 4V
5
37.6
74
34
3
19.1
2.5
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
5
39.5
78.1
28
3
19.1
2.5
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
5
66
119
12
3
19.1
2.5
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
12
38
78
40
3
19.1
2.5
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 4V
12
34.5
66.3
34
3
19.1
2.5
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
12
35.8
68.8
28
3
19.1
2.5
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
12
50
98
18
3
19.1
3.3
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
7
42
86
40
3
13.3
3.3
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 4V
7
47
89
32
3
13.3
3.3
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
7
50
94
28
3
13.3
3.3
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
7
75
141
14
3
13.3
3.3
2 × 10µF 25V
150µF 35V
1 × 22µF 6.3V
330µF 4V
12
42
86
40
3
13.3
3.3
2 × 10µF 25V
150µF 35V
1 × 47µF 6.3V
330µF 4V
12
47
88
32
3
13.3
3.3
2 × 10µF 25V
150µF 35V
2 × 47µF 6.3V
220µF 6.3V
12
50
94
28
3
13.3
3.3
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
12
69
131
22
3
13.3
5
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
15
110
215
20
3
8.25
5
2 × 10µF 25V
150µF 35V
4 × 47µF 6.3V
NONE
20
110
217
20
3
8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com