Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 25Msps/10Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2202 Datasheet HTML 9Page - Linear Technology LTC2202 Datasheet HTML 10Page - Linear Technology LTC2202 Datasheet HTML 11Page - Linear Technology LTC2202 Datasheet HTML 12Page - Linear Technology LTC2202 Datasheet HTML 13Page - Linear Technology LTC2202 Datasheet HTML 14Page - Linear Technology LTC2202 Datasheet HTML 15Page - Linear Technology LTC2202 Datasheet HTML 16Page - Linear Technology LTC2202 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2203/LTC2202
13
22032fb
LTC2202: 32K Point FFT,
fIN = 30.5MHz, –1dBFS, PGA = 1
LTC2202: 32K Point FFT,
fIN = 30.5MHz, –10dBFS, PGA = 1
LTC2202: 32K Point FFT,
fIN = 30.5MHz, –20dBFS, PGA = 1
LTC2202: SFDR vs Input Level,
fIN = 30.1MHz, PGA = 0,
Dither “Off”
LTC2202: SFDR vs Input Level,
fIN = 30.1MHz, PGA = 0,
Dither “On”
LTC2202: 32K Point FFT,
fIN = 70.1MHz, –1dBFS, PGA = 1
LTC2202: 32K Point FFT,
fIN = 70.1MHz, –10dBFS, PGA = 1
LTC2202: 32K Point FFT,
fIN = 70.1MHz, –20dBFS, PGA = 1
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G55
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G56
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G57
INPUT LEVEL (dBFS)
–70
0
40
20
60
80
100
–60
–40
–20
0
22023 G58
120
140
–50
–30
–10
INPUT LEVEL (dBFS)
–70
0
40
20
60
80
100
–60
–40
–20
0
22023 G59
120
140
–50
–30
–10
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G60
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G61
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G62
TYPICAL PERFOR
CE CHARACTERISTICS
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com