Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 25Msps/10Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 3 Page - Linear Technology

  LTC2202 Datasheet HTML 1Page - Linear Technology LTC2202 Datasheet HTML 2Page - Linear Technology LTC2202 Datasheet HTML 3Page - Linear Technology LTC2202 Datasheet HTML 4Page - Linear Technology LTC2202 Datasheet HTML 5Page - Linear Technology LTC2202 Datasheet HTML 6Page - Linear Technology LTC2202 Datasheet HTML 7Page - Linear Technology LTC2202 Datasheet HTML 8Page - Linear Technology LTC2202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2203/LTC2202
3
22032fb
The ● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
3.135V ≤ VDD ≤ 3.465V
1.667 or 2.5
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
●
1
1.25
1.5
V
IIN
Analog Input Leakage Current
0V ≤ AIN+, AIN– ≤ VDD (Note 9)
●
–1
1
μA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD (Note 10)
●
–3
3
μA
IMODE
MODE Pin Pull-Down Current to GND
10
μA
I⎯O⎯E
⎯O⎯E Pin Pull-Down Current to GND
10
μA
CIN
Analog Input Capacitance
Sample Mode CLK = 0
10.5
pF
Hold Mode CLK = 0
1.4
pF
tAP
Sample-and-Hold
0.9
ns
Acquisition Delay Time
tJITTER
Sample-and-Hold
200
fs RMS
Acquisition Delay Time Jitter
CMRR
Analog Input
1V < (AIN+ = AIN–) <1.5V
80
dB
Common Mode Rejection Ratio
BW-3dB
Full Power Bandwidth
Rs < 20Ω
380
MHz
LTC2203
LTC2202
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
1MHz Input (2.5V Range, PGA = 0)
81.6
81.6
dBFS
1MHz Input (1.667V Range, PGA = 1)
79.4
79.4
dBFS
5MHz Input (2.5V Range, PGA = 0)
●
80.0
81.6
80.0
81.6
dBFS
5MHz Input (1.667V Range, PGA = 1)
79.4
79.4
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
81.4
81.4
dBFS
12.5MHz Input (1.667V Range, PGA = 1)
79.3
79.3
dBFS
30MHz Input (2.5V Range, PGA = 0)
80.8
80.8
dBFS
30MHz Input (1.667V Range, PGA = 1)
●
77.5
78.9
77.5
78.9
dBFS
70MHz Input (2.5V Range, PGA = 0)
78.3
78.3
dBFS
70MHz Input (1.667V Range, PGA =1 )
77.2
77.2
dBFS
SFDR
Spurious Free
1MHz Input (2.5V Range, PGA = 0)
100
100
dBc
Dynamic Range
1MHz Input (1.667V Range, PGA = 1)
100
100
dBc
2nd or 3rd Harmonic
5MHz Input (2.5V Range, PGA = 0)
●
85
100
85
100
dBc
5MHz Input (2.5V Range, PGA = 0)
90
100
90
100
dBc
5MHz Input (1.667V Range, PGA = 1)
100
100
dBc
12.5MHz Input (2.5V Range, PGA = 0)
95
95
dBc
12.5MHz Input (1.667V Range, PGA = 1)
100
100
dBc
30MHz Input (2.5V Range, PGA = 0)
90
90
dBc
30MHz Input (1.667V Range, PGA = 1)
●
85
95
85
95
dBc
70MHz Input (2.5V Range, PGA = 0)
85
85
dBc
70MHz Input (1.667V Range, PGA = 1)
90
90
dBc
SFDR
Spurious Free
1MHz Input (2.5V Range, PGA = 0)
100
100
dBc
Dynamic Range
1MHz Input (1.667V Range, PGA = 1)
100
100
dBc
4th Harmonic
5MHz Input (2.5V Range, PGA = 0)
●
90
100
90
100
dBc
or Higher
5MHz Input (1.667V Range, PGA = 1)
100
100
dBc
12.5MHz Input (2.5V Range, PGA = 0)
100
100
dBc
12.5MHz Input (1.667V Range, PGA = 1)
100
100
dBc
30MHz Input (2.5V Range, PGA = 0)
100
100
dBc
30MHz Input (1.667V Range, PGA = 1)
●
90
100
90
100
dBc
70MHz Input (2.5V Range, PGA = 0)
90
90
dBc
70MHz Input (1.667V Range, PGA = 1)
90
90
dBc
The ● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DY A IC ACCURACY
A ALOG I PUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com