Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 25Msps/10Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 2 Page - Linear Technology

  LTC2202 Datasheet HTML 1Page - Linear Technology LTC2202 Datasheet HTML 2Page - Linear Technology LTC2202 Datasheet HTML 3Page - Linear Technology LTC2202 Datasheet HTML 4Page - Linear Technology LTC2202 Datasheet HTML 5Page - Linear Technology LTC2202 Datasheet HTML 6Page - Linear Technology LTC2202 Datasheet HTML 7Page - Linear Technology LTC2202 Datasheet HTML 8Page - Linear Technology LTC2202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2203/LTC2202
2
22032fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No missing codes)
16
Integral Linearity Error
Differential Analog Input (Note 5) TA = 25°C
±1.2
±4.0
LSB
Integral Linearity Error
Differential Analog Input (Note 5)
●
±1.5
±4.5
LSB
Differential Linearity Error
Differential Analog Input
●
±0.3
±1
LSB
Offset Error
(Note 6)
●
±2
±10
mV
Offset Drift
±10
μV/°C
Gain Error
External Reference
●
±0.2
±1.5
%FS
Full-Scale Drift
Internal Reference
±30
ppm/°C
External Reference
±15
ppm/°C
Transition Noise
External Reference (2.5V Range, PGA = 0)
1.92
LSBRMS
Supply Voltage (VDD)...................................–0.3V to 4V
Digital Output Supply Voltage (OVDD)..........–0.3V to 4V
Digital Output Ground Voltage (OGND)........ – 0.3V to 1V
Analog Input Voltage (Note 3) ..... – 0.3V to (VDD + 0.3V)
Digital Input Voltage .................... – 0.3V to (VDD + 0.3V)
Digital Output Voltage................ – 0.3V to (OVDD + 0.3V)
Power Dissipation............................................ 2000mW
Operating Temperature Range
LTC2203C/LTC2202C............................... 0°C to 70°C
LTC2203I/LTC2202I .............................– 40°C to 85°C
Storage Temperature Range ..................– 65°C to 125°C
ORDER PART
NUMBER
UK PART*
MARKING
*The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC2203CUK
LTC2202CUK
LTC2203IUK
LTC2202IUK
OVDD = VDD (Notes 1 and 2)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
LTC2203UK
LTC2202UK
LTC2203UK
LTC2202UK
EXPOSED PAD IS GND (PIN 49)
MUST BE SOLDERED TO PCB BOARD
TJMAX = 125°C, θJA = 29°C/W
TJMAX = 150°C, OPTION AVAILABLE, CONSULT FACTORY
TOP VIEW
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
SENSE 1
VCM 2
VDD 3
VDD 4
GND 5
AIN
+ 6
AIN
– 7
GND 8
GND 9
CLK 10
GND 11
VDD 12
36 OVDD
35 D11
34 D10
33 D9
32 D8
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D7
27 D6
26 D5
25 OVDD
49
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
CO VERTER CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com