Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 25Msps/10Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 4 Page - Linear Technology

  LTC2202 Datasheet HTML 1Page - Linear Technology LTC2202 Datasheet HTML 2Page - Linear Technology LTC2202 Datasheet HTML 3Page - Linear Technology LTC2202 Datasheet HTML 4Page - Linear Technology LTC2202 Datasheet HTML 5Page - Linear Technology LTC2202 Datasheet HTML 6Page - Linear Technology LTC2202 Datasheet HTML 7Page - Linear Technology LTC2202 Datasheet HTML 8Page - Linear Technology LTC2202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2203/LTC2202
4
22032fb
LTC2203
LTC2202
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N+D)
Signal-to-Noise
1MHz Input (2.5V Range, PGA = 0)
81.5
81.5
dBFS
Plus Distortion Ratio
1MHz Input (1.667V Range, PGA = 1)
79.3
79.3
dBFS
5MHz Input (2.5V Range, PGA = 0)
●
79.7
81.5
79.7
81.5
dBFS
5MHz Input (1.667V Range, PGA = 1)
79.3
79.3
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
81.3
81.3
dBFS
12.5MHz Input (1.667V Range, PGA = 1)
79.2
79.2
dBFS
30MHz Input (2.5V Range, PGA = 0)
80.6
80.6
dBFS
30MHz Input (1.667V Range, PGA = 1)
●
77.2
78.6
77.2
78.6
dBFS
70MHz Input (2.5V Range, PGA = 0)
78.1
78.1
dBFS
70MHz Input (1.667V Range, PGA = 1)
77
77
dBFS
SFDR
1MHz Input (2.5V Range, PGA = 0)
105
105
dBFS
1MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
5MHz Input (2.5V Range, PGA = 0)
105
105
dBFS
5MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
105
105
dBFS
12.5MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
30MHz Input (2.5V Range, PGA = 0)
105
105
dBFS
30MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
70MHz Input (2.5V Range, PGA = 0)
100
100
dBFS
70MHz Input (1.667V Range, PGA = 1)
100
100
dBFS
SFDR
1MHz Input (2.5V Range, PGA = 0)
115
115
dBFS
1MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
5MHz Input (2.5V Range, PGA = 0)
●
100
115
100
115
dBFS
5MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
115
115
dBFS
12.5MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
30MHz Input (2.5V Range, PGA = 0)
115
115
dBFS
30MHz Input (1.667V Range, PGA = 1)
115
115
dBFS
70MHz Input (2.5V Range, PGA = 0)
110
110
dBFS
70MHz Input (1.667V Range, PGA = 1)
110
110
dBFS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.15
1.25
1.35
V
VCM Output Tempco
IOUT = 0
±40
ppm/°C
VCM Line Regulation
3.135V ≤ VDD ≤ 3.465V
1
mV/ V
VCM Output Resistance
1mA ≤ | IOUT | ≤ 1mA
2
Ω
DY A IC ACCURACY The ● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
The ● denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
Spurious Free
Dynamic Range
at –25dBFS
Dither “OFF”
Spurious Free
Dynamic Range
at –25dBFS
Dither “ON”
CO
O
ODE BIAS CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com