Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 25Msps/10Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2202 Datasheet HTML 10Page - Linear Technology LTC2202 Datasheet HTML 11Page - Linear Technology LTC2202 Datasheet HTML 12Page - Linear Technology LTC2202 Datasheet HTML 13Page - Linear Technology LTC2202 Datasheet HTML 14Page - Linear Technology LTC2202 Datasheet HTML 15Page - Linear Technology LTC2202 Datasheet HTML 16Page - Linear Technology LTC2202 Datasheet HTML 17Page - Linear Technology LTC2202 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2203/LTC2202
14
22032fb
LTC2202: 32K Point 2-Tone FFT,
fIN = 60.2MHz and 70.1MHz,
–15dBFS, PGA = 0
LTC2202: SFDR vs Input Level,
fIN = 70.1MHz, PGA = 0,
Dither “Off”
LTC2202: SFDR vs Input Level,
fIN = 70.1MHz, PGA = 0,
Dither “On”
LTC2202: SFDR (HD2 or HD3) vs
Input Frequency
LTC2202: SNR vs Input Frequency
LTC2202: SNR and SFDR vs
Sample Rate
LTC2202: SNR and SFDR vs
Supply Voltage (VDD), fIN = 5MHz
FREQUENCY (MHz)
–140
–120
–100
–80
0
–40
–20
–60
–130
–110
–90
–10
–50
–30
–70
22023 G64
02
4
INPUT LEVEL (dBFS)
–80
0
40
20
60
80
100
–60
–40
–20
0
22023 G65
120
140
–70
–50
–30
–10
INPUT LEVEL (dBFS)
–80
0
40
20
60
80
100
–60
–40
–20
0
22023 G66
120
140
–70
–50
–30
–10
INPUT FREQUENCY (MHz)
0
85
90
95
60
100
22023 G67
80
75
70
20
40
80
100
105
110
PGA = 0
PGA = 1
INPUT FREQUENCY (MHz)
0
73
74
76
77
78
80
82
22023 G68
75
40
20
100
120
60
140
79
80
81
PGA = 0
PGA = 1
SAMPLE RATE (Msps)
0
100
105
110
16
22023 G69
95
90
4
8
12
20
85
80
75
SFDR
RATED MAX
SNR
SUPPLY VOLTAGE (V)
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
95
100
105
22023 G70
90
85
80
75
110
SFDR
LOWER LIMIT
UPPER LIMIT
SNR
LTC2202: 32K Point 2-Tone FFT,
fIN = 60.2MHz and 70.1MHz,
–7dBFS, PGA = 0
FREQUENCY (MHz)
–140
–120
–100
–80
0
–40
–20
–60
–130
–110
–90
–10
–50
–30
–70
22023 G63
02
4
TYPICAL PERFOR
CE CHARACTERISTICS
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com