Electronic Components Datasheet Search
  English  ▼

X  

LTC2497 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2497 Datasheet HTML 4Page - Linear Technology LTC2497 Datasheet HTML 5Page - Linear Technology LTC2497 Datasheet HTML 6Page - Linear Technology LTC2497 Datasheet HTML 7Page - Linear Technology LTC2497 Datasheet HTML 8Page - Linear Technology LTC2497 Datasheet HTML 9Page - Linear Technology LTC2497 Datasheet HTML 10Page - Linear Technology LTC2497 Datasheet HTML 11Page - Linear Technology LTC2497 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2497
8
2497f
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2497 G13
10
100
10k
1M
VCC = 4.1V DC
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2497 G14
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2497 G15
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
100
120
160
180
200
–15
15
30
90
2497 G16
140
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FO = GND
SCL = 0
SDA = 1
TEMPERATURE (
°C)
–45
0
0.2
0.6
0.8
1.0
2.0
1.4
–15
15
30
90
2497 G17
0.4
1.6
1.8
1.2
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FO = GND
SCL = 0
SDA = 1
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2497 G18
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN– = GND
SCL = 0
SDA = 1
TA = 25°C
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
Conversion Current
vs Temperature
Sleep Mode Current
vs Temperature
Conversion Current
vs Output Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com