Electronic Components Datasheet Search
  English  ▼

X  

LTC2497 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2497 Datasheet HTML 5Page - Linear Technology LTC2497 Datasheet HTML 6Page - Linear Technology LTC2497 Datasheet HTML 7Page - Linear Technology LTC2497 Datasheet HTML 8Page - Linear Technology LTC2497 Datasheet HTML 9Page - Linear Technology LTC2497 Datasheet HTML 10Page - Linear Technology LTC2497 Datasheet HTML 11Page - Linear Technology LTC2497 Datasheet HTML 12Page - Linear Technology LTC2497 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2497
9
2497f
GND (Pins 1, 4, 6, 31, 32, 33, 34): Ground. Multiple
ground pins internally connected for optimum ground cur-
rent flow and VCC decoupling. Connect each one of these
pins to a common ground plane through a low impedance
connection. All seven pins must be connected to ground
for proper operation.
SCL (Pin 2): Serial Clock Pin of the I2C Interface. The
LTC2497 can only act as a slave and the SCL pin only ac-
cepts an external serial clock. Data is shifted into the SDA
pin on the rising edges of the SCL clock and output through
the SDA pin on the falling edges of the SCL clock.
SDA (Pin 3): Bidirectional Serial Data Line of the I2C
Interface. In the transmitter mode (Read), the conver-
sion result is output through the SDA pin, while in the
receiver mode (Write), the device channel select bits are
input through the SDA pin. The pin is high impedance
during the data input mode and is an open drain output
(requires an appropriate pull-up device to VCC) during the
data output mode.
NC (Pin 5): No Connect. This pin can be left floating or
tied to GND.
COM (Pin 7): The Common Negative Input (IN–) for All
Single-Ended Multiplexer Configurations. The voltage on
CH0-CH15 and COM pins can have any value between
GND – 0.3V to VCC + 0.3V. Within these limits, the two
selected inputs (IN+ and IN– ) provide a bipolar input
range (VIN = IN
+ – IN– ) from –0.5 • VREF to 0.5 • VREF.
Outside this input range, the converter produces unique
over-range and under-range output codes.
CH0 to CH15 (Pin 8-Pin 23): Analog Inputs. May be pro-
grammed for single-ended or differential mode.
MUXOUTP (Pin 24): Positive Multiplexer Output. Connect
to the input of external buffer/amplifier or short directly
to ADCINP.
ADCINP (Pin 25): Positive ADC Input. Connect to the
output of a buffer/amplifier driven by MUXOUTP or short
directly to MUXOUTP.
ADCINN (Pin 26): Negative ADC Input. Connect to the
output of a buffer/amplifier driven by MUXOUTN or short
directly to MUXOUTN
MUXOUTN (Pin 27): Negative Multiplexer Output. Con-
nect to the input of an external buffer/amplifier or short
directly to ADCINN.
VCC (Pin 28): Positive Supply Voltage. Bypass to GND with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor as close to the part as possible.
REF+, REF– (Pin 29, Pin 30): Differential Reference Input.
The voltage on these pins can have any value between
GND and VCC as long as the reference positive input, REF
+,
remains more positive than the negative reference input,
REF–, by at least 0.1V. The differential voltage (VREF = REF
+
– REF –) sets the full-scale range for all input channels.
FO (Pin 35): Frequency Control Pin. Digital input that
controls the internal conversion clock rate. When FO is
connected to GND, the converter uses its internal oscil-
lator running at 307.2kHz. The conversion clock may
also be overridden by driving the FO pin with an external
clock in order to change the output rate and the digital
filter rejection null.
CA0, CA1, CA2 (Pins 36, 37, 38): Chip Address Control
Pins. These pins are configured as a three-state (LOW,
HIGH, Floating) address control bits for the device I2C
address.
Exposed Pad (Pin 39): Ground. This pin is ground and
must be soldered to the PCB ground plane. For prototyping
purposes, this pin may remain floating.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com