Electronic Components Datasheet Search
  English  ▼

X  

LTC2497 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 2 Page - Linear Technology

  LTC2497 Datasheet HTML 1Page - Linear Technology LTC2497 Datasheet HTML 2Page - Linear Technology LTC2497 Datasheet HTML 3Page - Linear Technology LTC2497 Datasheet HTML 4Page - Linear Technology LTC2497 Datasheet HTML 5Page - Linear Technology LTC2497 Datasheet HTML 6Page - Linear Technology LTC2497 Datasheet HTML 7Page - Linear Technology LTC2497 Datasheet HTML 8Page - Linear Technology LTC2497 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2497
2
2497f
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage
(CH0-CH15, COM) ....................–0.3V to (VCC + 0.3V)
REF+, REF–................................–0.3V to (VCC + 0.3V)
ADCINN, ADCINP,
MUXOUTP MUXOUTN ..............–0.3V to (VCC + 0.3V)
Digital Input Voltage......................–0.3V to (VCC + 0.3V)
Digital Output Voltage ...................–0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2497C ................................................. 0ºC to 70ºC
LTC2497I ..............................................–40ºC to 85ºC
Storage Temperature Range....................–65ºC to 150ºC
(Notes 1, 2)
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
GND
SCL
SDA
GND
NC
GND
COM
CH0
CH1
CH2
CH3
CH4
GND
REF–
REF+
VCC
MUXOUTN
ADCINN
ADCINP
MUXOUTP
CH15
CH14
CH13
CH12
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN #39) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
QFN PART MARKING*
LTC2497CUHF
LTC2497IUHF
2497
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is defined by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com