Electronic Components Datasheet Search
  English  ▼

X  

LTC2497 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2497 Datasheet HTML 19Page - Linear Technology LTC2497 Datasheet HTML 20Page - Linear Technology LTC2497 Datasheet HTML 21Page - Linear Technology LTC2497 Datasheet HTML 22Page - Linear Technology LTC2497 Datasheet HTML 23Page - Linear Technology LTC2497 Datasheet HTML 24Page - Linear Technology LTC2497 Datasheet HTML 25Page - Linear Technology LTC2497 Datasheet HTML 26Page - Linear Technology LTC2497 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC2497
23
2497f
Figure 15. INL vs Differential Input Voltage and
Reference Source Resistance for CREF > 1µF
In cases where large bypass capacitors are required on
the reference inputs (CREF > .01µF), full-scale and linear-
ity errors are proportional to the value of the reference
resistance. Every ohm of reference resistance produces
a full-scale error of approximately 0.5ppm (while operat-
ing with the internal oscillator) (see Figures 13 and 14). If
the input common mode voltage is equal to the reference
common mode voltage, a linearity error of approximately
0.67ppm per 100Ω of reference resistance results (see
Figure 15). In applications where the input and reference
common mode voltages are different, the errors increase.
A 1V difference in between common mode input and
common mode reference results in a 6.7ppm INL error
for every 100Ω of reference resistance.
APPLICATIONS INFORMATION
VIN/VREF
– 0.5
2
6
10
0.3
2497 F15
–2
–6
0
4
8
–4
–8
–10
– 0.3
– 0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
Ω
R = 500
Ω
Figure 13. +FS Error vs RSOURCE at VREF (Large CREF)
Figure 14. –FS Error vs RSOURCE at VREF (Large CREF)
RSOURCE (Ω)
0
300
400
500
800
2497 F13
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
RSOURCE (Ω)
0
–200
–100
0
800
2497 F14
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
In addition to the reference sampling charge, the reference
ESD protection diodes have a temperature dependent leak-
age current. This leakage current, nominally 1nA (±10nA
max) results in a small, gain error. A 100Ω reference
resistance will create a 0.5µV full-scale error.
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over
conventional ADCs is on-chip digital filtering. Combined
with a large oversample ratio, the LTC2497 significantly
simplifies antialiasing filter requirements. Additionally,
the input current cancellation feature allows external low
pass filtering without degrading the DC performance of
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com