Electronic Components Datasheet Search
  English  ▼

X  

LTC2497 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2497 Datasheet HTML 10Page - Linear Technology LTC2497 Datasheet HTML 11Page - Linear Technology LTC2497 Datasheet HTML 12Page - Linear Technology LTC2497 Datasheet HTML 13Page - Linear Technology LTC2497 Datasheet HTML 14Page - Linear Technology LTC2497 Datasheet HTML 15Page - Linear Technology LTC2497 Datasheet HTML 16Page - Linear Technology LTC2497 Datasheet HTML 17Page - Linear Technology LTC2497 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC2497
14
2497f
The LTC2497 has two registers. The output register (24
bits long) contains the last conversion result. The input
register (8 bits long) sets the input channel.
DATA OUTPUT FORMAT
The output register contains the last conversion result.
After each conversion is completed, the device automati-
cally enters the sleep state where the supply current is
reduced to 1µA. When the LTC2497 is addressed for a read
operation, it acknowledges (by pulling SDA low) and acts
as a transmitter. The master/receiver can read up to three
bytes from the LTC2497. After a complete read operation
(3 bytes), a new conversion is initiated. The device will
NAK subsequent read operations while a conversion is
being performed.
The data output stream is 24 bits long and is shifted out
on the falling edges of SCL (see Figure 3a). The first bit
is the conversion result sign bit (SIG) (see Tables 1 and
2). This bit is high if VIN ≥ 0 and low if VIN < 0 (where VIN
corresponds to the selected input signal IN+ – IN–). The
second bit is the most significant bit (MSB) of the result.
The first two bits (SIG and MSB) can be used to indicate
over and under range conditions (see Table 2). If both bits
Table 1. Output Data Format
Differential Input Voltage
VIN*
Bit 23
SIG
Bit 22
MSB
Bit 21
Bit 20
Bit 19
…
Bit 6
LSB
Bits 5-0
Always 0
VIN* ≥ FS**
1
1
0
0
0
…
0
000000
FS** – 1LSB
1
0
1
1
1
…
1
000000
0.5 • FS**
1
0
1
0
0
…
0
000000
0.5 • FS** – 1LSB
1
0
0
1
1
…
1
000000
0
1
0
0
0
0
…
0
000000
–1LSB
0
1
1
1
1
…
1
000000
–0.5 • FS**
0
1
1
0
0
…
0
000000
–0.5 • FS** – 1LSB
0
1
0
1
1
…
1
000000
–FS**
0
1
0
0
0
…
0
000000
VIN* < –FS**
0
0
1
1
1
…
1
000000
*The differential input voltage VIN = IN
+ – IN–. **The full-scale voltage FS = 0.5 • VREF.
are HIGH, the differential input voltage is equal to or above
+FS. If both bits are set low, the input voltage is below
–FS. The function of these bits is summarized in Table
2. The 16 bits following the MSB bit are the conversion
result in binary two’s complement format. The remaining
six bits are always 0.
As long as the voltage on the selected input channels (IN+
and IN–) remains between –0.3V and VCC + 0.3V (absolute
maximum operating range) a conversion result is gener-
ated for any differential input voltage VIN from –FS = –0.5
• VREF to +FS = 0.5 • VREF. For differential input voltages
greater than +FS, the conversion result is clamped to the
value corresponding to +FS. For differential input voltages
below –FS, the conversion result is clamped to the value
–FS – 1LSB.
Table 2. LTC2497 Status Bits
Input Range
Bit 23
SIG
Bit 22
MSB
VIN ≥ FS
1
1
0V ≤ VIN < FS
1
0
–FS ≤ VIN < 0V
0
1
VIN < –FS
0
0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com