Electronic Components Datasheet Search
  English  ▼

X  

LTC2844 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2844
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2844 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2844 Datasheet HTML 4Page - Linear Technology LTC2844 Datasheet HTML 5Page - Linear Technology LTC2844 Datasheet HTML 6Page - Linear Technology LTC2844 Datasheet HTML 7Page - Linear Technology LTC2844 Datasheet HTML 8Page - Linear Technology LTC2844 Datasheet HTML 9Page - Linear Technology LTC2844 Datasheet HTML 10Page - Linear Technology LTC2844 Datasheet HTML 11Page - Linear Technology LTC2844 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC2844
sn2844 2844fs
ODE SELECTIO
(Note 2)
(Note 2)
(Note 2)
(Note 2) (Note 3) (Note 3) (Note 3)
R1
R2
R3
R4A
R1
R2
R4
ABAB
AB
R3
V.11
V.11
V.11
V.11
V.11
V.11
30k
CMOS
CMOS
Z
V.11
V.11
V.10
30k
V.11
V.11
30k
CMOS
CMOS
Z
V.11
V.11
V.11
V.11
V.11
V.11
30k
CMOS
CMOS
Z
V.11
V.11
V.11
V.11
V.11
V.11
30k
CMOS
CMOS
Z
V.28
30k
V.28
30k
V.28
30k
30k
CMOS
CMOS
Z
V.11
V.11
V.11
V.11
V.11
V.11
30k
CMOS
CMOS
Z
V.28
30k
V.28
30k
V.28
30k
30k
CMOS
CMOS
Z
30k
30k
30k
30k
30k
30k
30k
Z
Z
Z
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
CMOS
30k
30k
V.10
30k
V.11
V.11
V.10
Z
CMOS
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
CMOS
30k
30k
V.28
30k
V.28
30k
V.28
Z
CMOS
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
CMOS
30k
30k
V.28
30k
V.28
30k
V.28
Z
CMOS
CMOS
30k
30k
30k
30k
30k
30k
30k
Z
Z
Z
(Note 1) (Note 1) (Note 1)
MODE NAME
M2
M1
M0
DCE
D1
D3
D4
D1
D2
D3
D4A
/DTE
D2
ABABAB
Not Used
(Default V.11)
0000
TTL
X
TTL
V.11
V.11
V.11
V.11
ZZ
V.10
RS530A
0010
TTL
X
TTL
V.11
V.11
V.10
ZZZ
V.10
RS530
0100
TTL
X
TTL
V.11
V.11
V.11
V.11
ZZ
V.10
X.21
0110
TTL
X
TTL
V.11
V.11
V.11
V.11
ZZ
V.10
V.35
1000
TTL
X
TTL
V.28
Z
V.28
ZZZ
V.28
RS449/V.36
1010
TTL
X
TTL
V.11
V.11
V.11
V.11
ZZ
V.10
V.28/RS232
1100
TTL
X
TTL
V.28
Z
V.28
ZZZ
V.28
No Cable
1110
X
X
X
ZZZZZZ
Z
Not Used
(Default V.11)
0001
TTL
TTL
X
V.11
V.11
V.11
V.11
V.11
V.11
Z
RS530A
0011
TTL
TTL
X
V.11
V.11
V.10
Z
V.11
V.11
Z
RS530
0101
TTL
TTL
X
V.11
V.11
V.11
V.11
V.11
V.11
Z
X.21
0111
TTL
TTL
X
V.11
V.11
V.11
V.11
V.11
V.11
Z
V.35
1001
TTL
TTL
X
V.28
Z
V.28
Z
V.28
Z
Z
RS449/V.36
1011
TTL
TTL
X
V.11
V.11
V.11
V.11
V.11
V.11
Z
V.28/RS232
1101
TTL
TTL
X
V.28
Z
V.28
Z
V.28
Z
Z
No Cable
1111
X
X
X
ZZZZZZ
Z
MODE NAME
M2
M1
M0
DCE
/DTE
Not Used
(Default V.11)
0
0
0
0
RS530A
0
0
1
0
RS530
0
1
0
0
X.21
0
1
1
0
V.35
1
0
0
0
RS449/V.36
1
0
1
0
V.28/RS232
1
1
0
0
No Cable
1
1
1
0
Not Used
(Default V.11)
0
0
0
1
RS530A
0
0
1
1
RS530
0
1
0
1
X.21
0
1
1
1
V.35
1
0
0
1
RS449/V.36
1
0
1
1
V.28/RS232
1
1
0
1
No Cable
1
1
1
1
Note 1: Driver inputs are TTL level compatible.
Note 2: Unused receiver inputs are terminated with 30k to ground.
Note 3: Receiver outputs are CMOS level compatible and have a weak pull-up to VIN when Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com