Electronic Components Datasheet Search
  English  ▼

X  

LTC2844 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2844
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2844 Datasheet(HTML) 5 Page - Linear Technology

  LTC2844 Datasheet HTML 1Page - Linear Technology LTC2844 Datasheet HTML 2Page - Linear Technology LTC2844 Datasheet HTML 3Page - Linear Technology LTC2844 Datasheet HTML 4Page - Linear Technology LTC2844 Datasheet HTML 5Page - Linear Technology LTC2844 Datasheet HTML 6Page - Linear Technology LTC2844 Datasheet HTML 7Page - Linear Technology LTC2844 Datasheet HTML 8Page - Linear Technology LTC2844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC2844
sn2844 2844fs
DATA RATE (kBd)
125
120
115
110
105
100
95
90
2844 G01
10
100
1000
10000
DATA RATE (kBd)
10
26
24
22
20
18
16
14
30
100
2844 G02
20
40 50 60 70 80
10
30
100
20
40 50 60 70 80
DATA RATE (kBd)
10
9
8
7
6
5
4
2844 G03
TEMPERATURE (
°C)
–40
105
100
95
90
85
80
20
60
2844 G04
–20
0
40
80
100
–40
20
60
–20
0
40
80
100
–40
20
60
–20
0
40
80
100
TEMPERATURE (
°C)
2844 G05
23.5
25.4
25.3
25.2
25.1
25.0
24.9
24.8
24.7
24.6
24.5
TEMPERATURE (
°C)
2844 G06
8.20
8.15
8.10
8.05
8.00
7.95
7.90
7.85
7.80
TA = 25°C
TA = 25°C
TA = 25°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
are negative. All voltages are referenced to device ground unless otherwise
specified.
Note 3: All typicals are given for VCC = 5V, VIN = 3.3V, VDD = 8V, VEE = – 7V
for V.28, – 5.5V for V.10, V.11 and TA = 25°C.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
RS530, X.21 in DCE Mode
(Three V.11 Drivers with Full
Load) ICC vs Data Rate
V.28 in DCE Mode
(Three V.28 Drivers with Full
Load) IDD vs Data Rate
RS530-A in DTE Mode
(Two V.10 Drivers with Full Load)
IEE vs Data Rate
RS530, X.21 in DCE Mode
(Three V.11 Drivers with Full
Load) ICC vs Temperature
V.28 in DCE Mode
(Three V.28 Drivers with Full
Load) IDD vs Temperature
RS530-A in DTE Mode
(Two V.10 Drivers with Full Load)
IEE vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com