Electronic Components Datasheet Search
  English  ▼

X  

LTC2844 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2844
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2844 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2844 Datasheet HTML 12Page - Linear Technology LTC2844 Datasheet HTML 13Page - Linear Technology LTC2844 Datasheet HTML 14Page - Linear Technology LTC2844 Datasheet HTML 15Page - Linear Technology LTC2844 Datasheet HTML 16Page - Linear Technology LTC2844 Datasheet HTML 17Page - Linear Technology LTC2844 Datasheet HTML 18Page - Linear Technology LTC2844 Datasheet HTML 19Page - Linear Technology LTC2844 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC2844
sn2844 2844fs
Figure 25. Controller-Selectable Multiprotocol DTE/DCE Port with RL, LL, TM and DB-25 Connector
TYPICAL APPLICATIO S
D2
D1
LTC2845
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DSR/DCE_DTR
DTE_DCD/DCE_DCD
DTE_CTS/DCE_RTS
D3
R2
R1
R4
R3
LTC2846
DTE_LL/DCE_RI
DTE_RI/DCE_LL
DTE_TM/DCE_RL
DTE_RL/DCE_TM
DTE_TXD/DCE_RXD
DTE_SCTE/DCE_RXC
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
M0
M1
M2
DCE/DTE
VCC
VDD
VEE
GND
2844 F26
C2
1
µF
R1
13k
C1
1
µF
C6
10
µF
C3
1
µF
C4
3.3
µF
D4
VCC
5V
SHDN
VIN
3.3V
CHARGE
PUMP
BOOST
SWITCHING
REGULATOR
L1
5.6
µH
33
7
35
4
36
D1
MBR0520
3
5
6
8
9
10
11
12
13
14
15
16
18
19
1, 19
2
3
4
5
6
7
8
10
9
D5
18
DCE/DTE
VIN
D4ENB
R4EN
20
15
16
NC
VIN
3.3V
23
R5
17
22
21
25
24
26
27
28
29
30
31
32
33
32
31
30
29
28
27
26
25
24
23
22
21
20
34
35
36
C5
10
µF
C9
1
µF
C7
1
µF
C8
1
µF
M0
M1
M2
DCE/DTE
M0
M1
M2
11
12
13
14
D1
D2
D3
R1
R2
R3
T
T
T
T
T
C10
1
µF
R2
4.3k
VCC
5V
18
*
*OPTIONAL
21
25
LL
LL
RL
RL
TM
TM
RI
RI
2
14
24
11
15
12
17
9
3
1
4
19
20
8
23
10
6
22
5
13
7
16
TXD A
TXD B
SCTE A
SCTE B
RXD A
RXD B
RXC A
RXC B
RXC A
RXC B
RXD A
RXD B
RTS A
RTS B
DTR A
DTR B
CTS A
CTS B
DSR A
DSR B
CTS A
CTS B
SG
SHIELD
DB-25
CONNECTOR
TXC A
TXC B
SCTE A
SCTE B
TXD A
TXD B
TXC A
TXC B
DCD A
DCD B
DSR A
DSR B
RTS A
RTS B
DCD A
DCD B
DTR A
DTR B
DTE
DCE
17 VIN
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com