Electronic Components Datasheet Search
  English  ▼

X  

LTC2844 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2844
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2844 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2844 Datasheet HTML 5Page - Linear Technology LTC2844 Datasheet HTML 6Page - Linear Technology LTC2844 Datasheet HTML 7Page - Linear Technology LTC2844 Datasheet HTML 8Page - Linear Technology LTC2844 Datasheet HTML 9Page - Linear Technology LTC2844 Datasheet HTML 10Page - Linear Technology LTC2844 Datasheet HTML 11Page - Linear Technology LTC2844 Datasheet HTML 12Page - Linear Technology LTC2844 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC2844
sn2844 2844fs
Figure 7. V.10, V.28 Driver Propagation Delays
Figure 6. V.11, V.35 Receiver Propagation Delays
Figure 8. V.10, V.28 Receiver Propagation Delays
3V
0V
1.5V
0V
–3V
3V
1.5V
0V
3V
–3V
tPHL
tf
VO
–VO
D
A
tPLH
tr
2844 F07
VOD2
–VOD2
0V
1.65V
0V
1.65V
tPLH
VOH
VOL
B – A
R
tPHL
2844 F06
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
INPUT
OUTPUT
VIH
VIL
RECEIVER THRESHOLD
1.65V
RECEIVER THRESHOLD
tPHL
VOH
VOL
A
R
tPLH
2844 F08
1.65V
3V
1.5V
1.5V
50%
10%
90%
tPLH
t r
0V
VO
VO
–VO
D
B – A
A
B
tPHL
tSKEW
tSKEW
2844 F05
1/2 VO
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
VDIFF = V(A) – V(B)
50%
10%
90%
t f
Figure 5. V.11, V.35 Driver Propagation Delays
SWITCHI G TI E WAVEFOR S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com