Electronic Components Datasheet Search
  English  ▼

X  

LTC2844 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2844
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2844 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2844 Datasheet HTML 10Page - Linear Technology LTC2844 Datasheet HTML 11Page - Linear Technology LTC2844 Datasheet HTML 12Page - Linear Technology LTC2844 Datasheet HTML 13Page - Linear Technology LTC2844 Datasheet HTML 14Page - Linear Technology LTC2844 Datasheet HTML 15Page - Linear Technology LTC2844 Datasheet HTML 16Page - Linear Technology LTC2844 Datasheet HTML 17Page - Linear Technology LTC2844 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC2844
sn2844 2844fs
A
A
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
2844 F18
50
Ω
125
Ω
50
Ω
50
Ω
125
Ω
50
Ω
Figure 18. Typical V.35 Interface
Figure 19. V.35 Receiver Configuration
V.35 Interface
A typical V.35 balanced interface is shown in Figure 18. A
V.35 differential generator with outputs A and B with
ground C is connected to a differential receiver with
ground C
', inputs A' connected to A, B' connected to B. The
V.35 interface requires a T or delta network termination at
the receiver end and the generator end. The receiver
differential impedance measured at the connector must be
100
Ω ±10Ω, and the impedance between shorted termi-
nals (A
' and B') and ground C' must be 150
Ω ±15Ω.
In V.35 mode, both switches S1 and S2 inside the LTC2846
are on, connecting the T network impedance as shown in
Figure 19. The 30k input impedance of the receiver is
placed in parallel with the T network termination, but does
not affect the overall input impedance significantly.
The generator differential impedance must be 50
Ω to
150
Ω and the impedance between shorted terminals (A
and B) and ground C must be 150
Ω ±15Ω. For the
generator termination, switches S1 and S2 are both on as
shown in Figure 20.
No-Cable Mode
The no-cable mode (M0 = M1 = M2 = 1) is intended for the
case when the cable is disconnected from the connector.
The bias circuitry, drivers and receivers are turned off, the
driver outputs are forced into a high impedance state, and
the supply current drops to less than 600
µA.
LTC2846 Supplies
The LTC2846 uses an internal capacitive charge pump to
generate VDD and VEE as shown in Figure 21. A voltage
doubler generates about 8V on VDD and a voltage inverter
generates about – 7.5V for VEE. Three 1µF surface mounted
tantalum or ceramic capacitors are required for C1, C2 and
C3. The VEE capacitor C4 should be a minimum of 3.3µF.
All capacitors are 16V and should be placed as close as
possible to the LTC2846 to reduce EMI.
The LTC2846 has an internal boost switching regulator
which generates a 5V output from the 3.3V supply as
shown in Figure 22. The 5V VCC supplies its internal charge
pump and transceivers as well as its companion chip.
APPLICATIONS INFORMATION
Figure 20. V.35 Driver
V.35 DRIVER
A
B
C
51.5
Ω
S2
S1
2844 F20
51.5
Ω
LTC2846
124
Ω
R3
124
Ω
R5
20k
LTC2846
RECEIVER
2844 F19
A
'
B
'
C
'
R1
51.5
Ω
R8
6k
S2
S3
R2
51.5
Ω
R6
10k
R7
10k
GND
R4
20k
S1
33
32
31
30
2844 F21
7
6
5
8
C3
1
µF
C5
10
µF
5V
C1
1
µF
C2
1
µF
C4
3.3
µF
LTC2846
VDD
C1+
C1–
VCC
C2+
C2–
VEE
GND
Figure 21. Charge Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com