Electronic Components Datasheet Search
  English  ▼

X  

LTC3205 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3205 Datasheet HTML 8Page - Linear Technology LTC3205 Datasheet HTML 9Page - Linear Technology LTC3205 Datasheet HTML 10Page - Linear Technology LTC3205 Datasheet HTML 11Page - Linear Technology LTC3205 Datasheet HTML 12Page - Linear Technology LTC3205 Datasheet HTML 13Page - Linear Technology LTC3205 Datasheet HTML 14Page - Linear Technology LTC3205 Datasheet HTML 15Page - Linear Technology LTC3205 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3205
14
3205f
TYPICAL APPLICATIO S
All Charge Pump Main, Sub, RGB and Camera Light Controller
WHITE
WHITE
WHITE
WHITE
WHITE
WHITE
RED
GREEN
1
µF
CPO
IMS
LTC3205
IRGB
13
24.9k
12.4k
3205 TA02
14
MAIN1
MAIN2
MAIN3
MAIN4
SUB1
SUB2
RED
GREEN
BLUE
2
1
24
23
22
21
18
19
20
15
CAMERA LIGHT
ILED = 40mA
SUB DISPLAY
(DUTY CYCLE = 50%)
ILLUMINATOR
BLUE
ILED = 20mA
WHITE
VOUT
VIN
FB
GND
D0
D1
LTC3202
C1+ C1–
1
µF
87 9
1
µF
4
10
1
6
3
2
5, 11
30
Ω
MAIN DISPLAY
1
µF
C2+ C2–
1
µF
WHITE
30
Ω
WHITE
30
Ω
WHITE
30
Ω
Ultralow Brightness MAIN and SUB Displays
LTC3205
IMS
14
13
24.9k
24.9k
3205 TA08
PWM SIGNAL
0V TO 1.3V OR HIGHER
50Hz TO 15kHz
BRIGHTNESS = 1 – D
487k
IRGB
BRIGHT DIM
WHITE
WHITE
WHITE
WHITE
WHITE
WHITE
BLUE
BLUE
1
µF
CPO
IMS
LTC3205
IRGB
13
16.6k
24.9k
3205 TA03
14
MAIN1
MAIN2
MAIN3
MAIN4
SUB1
SUB2
RED
GREEN
BLUE
2
1
24
23
22
21
18
19
20
15
MAIN DISPLAY
SUB DISPLAY
KEYPAD
39
Ω
39
Ω
BLUE
BLUE
39
Ω
39
Ω
BLUE
BLUE
39
Ω
39
Ω
Main, Sub and Keypad Illumination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com