Electronic Components Datasheet Search
  English  ▼

X  

LTC3205 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 4 Page - Linear Technology

  LTC3205 Datasheet HTML 1Page - Linear Technology LTC3205 Datasheet HTML 2Page - Linear Technology LTC3205 Datasheet HTML 3Page - Linear Technology LTC3205 Datasheet HTML 4Page - Linear Technology LTC3205 Datasheet HTML 5Page - Linear Technology LTC3205 Datasheet HTML 6Page - Linear Technology LTC3205 Datasheet HTML 7Page - Linear Technology LTC3205 Datasheet HTML 8Page - Linear Technology LTC3205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3205
4
3205f
TYPICAL PERFOR A CE CHARACTERISTICS
2:3 Mode CPO Voltage
vs Load Current
1:1 Mode Switch Resistance
vs Temperature
2:3 Mode Charge Pump Open-
Loop Output Resistance vs
Temperature (3/2VIN – VCPO)/ICPO
TEMPERATURE (
°C)
–40
0.8
0.9
60
3205 G04
0.7
0.6
–15
10
35
85
1.0
ICPO = 100mA
VIN = 3.3V
VIN = 3.9V
VIN = 3.6V
TEMPERATURE (
°C)
–40
2.0
2.2
2.4
2.6
2.8
3.0
3.2
–15
10
35
60
3205 G05
85
VIN = 3V
VCPO = 4.2V
CIN = CCPO = CFLY1 = CFLY2 = 1µF
LOAD CURRENT (mA)
0
4.4
4.6
4.8
200
3205 G06
4.2
4.0
4.3
4.5
4.7
4.1
3.9
3.8
50
100
150
250
VIN = 3.6V
VIN = 3.4V
VIN = 3.0V
VIN = 3.3V
VIN = 3.2V
VIN = 3.1V
TA = 25°C
VIN = 3.5V
2:3 Mode CPO Voltage in
Current Limit
DVCC Shutdown Current
vs DVCC
DVCC VOLTAGE (V)
2.7
0
0.1
0.2
0.3
0.4
0.5
3.0
3.3
3.6
3.9
3205 G08
4.2
4.5
VIN = DVCC
TA = –40°C
TA = 85°C
TA = 25°C
VIN Shutdown Current
vs Input Voltage
VIN INPUT VOLTAGE (V)
2.7
0
0.2
0.4
0.6
0.8
1.0
3.0
3.3
3.6
3.9
3205 G09
4.2
4.5
DVCC = VIN
TA = –40°C
TA = 85°C
TA = 25°C
2:3 Mode Supply Current
vs ICPO (IIN – 3/2ICPO)
LOAD CURRRENT (mA)
0
0
1
3
4
5
10
7
50
100
3205 G10
2
8
9
6
150
200
VIN = 3.6V
TA = 25°C
INPUT VOLTAGE (V)
2.7
50
60
70
80
90
3
3.3
3.6
3.9
3205 G12
4.2
4.5
TA = 25°C
IMS = IRGB = 0µA
1:1 Mode No Load Supply Current
vs VIN
Oscillator Frequency
vs VIN Voltage
VIN VOLTAGE (V)
2.7
600
700
800
900
1000
3.0
3.3
3.6
3.9
3205 G07
4.2
4.5
TA = –40°C
TA = 85°C
TA = 25°C
LOAD CURRENT (mA)
0
0
0.5
1.0
1.5
2.5
3.5
4.5
2.0
3.0
4.0
5.0
100
300
3205 G13
600
200
500
400
VIN = 4.2V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com