Electronic Components Datasheet Search
  English  ▼

X  

LTC3205 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3205 Datasheet HTML 2Page - Linear Technology LTC3205 Datasheet HTML 3Page - Linear Technology LTC3205 Datasheet HTML 4Page - Linear Technology LTC3205 Datasheet HTML 5Page - Linear Technology LTC3205 Datasheet HTML 6Page - Linear Technology LTC3205 Datasheet HTML 7Page - Linear Technology LTC3205 Datasheet HTML 8Page - Linear Technology LTC3205 Datasheet HTML 9Page - Linear Technology LTC3205 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3205
6
3205f
BLOCK DIAGRA
14
5
4
6
3
15
25
–
+
IMS
16
VIN
800kHz
OSCILLATOR
1:1 AND 2:3 CHARGE PUMP
–
+
IRGB 13
SGND 17
DVCC 12
STEPUP 11
ENRGB 10
LD
9
SCLK
8
DIN 7
23 MAIN4
24 MAIN3
21 SUB2
22 SUB1
1 MAIN2
20 BLUE
3205 BD
19 GREEN
18 RED
2 MAIN1
2
2
CONTROL
LOGIC
2
2
4
16
4
4
PWM
COMMAND LATCH
SHIFT REGISTER
–
+
C1+
C1–
C2+
C2–
PGND
CPO
ENABLECP
PI FU CTIO S
VIN (Pin 16): Supply Voltage for the Charge Pump. The VIN
pin should be connected directly to the battery and by-
passed with a 1
µF X5R or X7R ceramic capacitor.
SGND (Pin 17): Ground for the Control Logic. This pin
should be connected directly to a low impedance ground
plane.
RED, GREEN, BLUE (Pins 18, 19, 20): Current Source
Outputs for the RGB Illuminator LEDs. The currents for
the RGB LEDs are controlled by the resistor on the IRGB
pin. The RGB LEDs can independently be set to any duty
cycle from 0/15 through 15/15 under software control
giving a total of 16 shades per LED and a total of 4096
colors for the illuminator. See Tables 1 and 3. The RGB
LEDs are modulated at 1/240 the speed of the charge
pump oscillator.
SUB1, SUB2 (Pins 22, 21): Current Source Outputs for
the Sub Display White LEDs. The current for the sub
display is controlled by the resistor on the IMS pin. The
LEDs on the sub display can be set to 100%, 50%, 25% or
0% of full scale under software control. See Tables 1
and 2.
PGND (Pin 25, Exposed Pad): Power Ground for the
Charge Pump. The exposed pad should be connected
directly to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com