Electronic Components Datasheet Search
  English  ▼

X  

LTC3205 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 2 Page - Linear Technology

  LTC3205 Datasheet HTML 1Page - Linear Technology LTC3205 Datasheet HTML 2Page - Linear Technology LTC3205 Datasheet HTML 3Page - Linear Technology LTC3205 Datasheet HTML 4Page - Linear Technology LTC3205 Datasheet HTML 5Page - Linear Technology LTC3205 Datasheet HTML 6Page - Linear Technology LTC3205 Datasheet HTML 7Page - Linear Technology LTC3205 Datasheet HTML 8Page - Linear Technology LTC3205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3205
2
3205f
VIN, DVCC, CPO to GND............................. – 0.3V TO 6V
DIN, SCLK, LD, STEPUP,
ENRGB ...................................... – 0.3V to (DVCC + 0.3V)
ICPO (Note 4)...................................................... 250mA
IMAIN1-4, ISUB1,2 (Note 4) ..................................... 50mA
IRED,GREEN,BLUE (Note 4) ..................................... 100mA
IMS, IRGB (Note 4) .................................................. 1mA
CPO Short-Circuit Duration ............................ Indefinite
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3205EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, DVCC = 1.8V unless otherwise noted.
TJMAX = 150°C, θJA = 37°C/W, θJC = 2°C/W
EXPOSED PAD IS PGND (PIN 25)
MUST BE SOLDERED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
13
14
15
16
17
18
6
5
4
3
2
1
MAIN2
MAIN1
C2–
C1–
C1+
C2+
RED
SGND
VIN
CPO
IMS
IRGB
UF PART
MARKING
3205
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
q
2.8
4.5
V
DVCC Operating Voltage
q
1.5
5.5
V
IVIN Operating Current
ICPO, IMS, IIRGB = 0µA, Step-Down Mode
70
µA
ICPO = 0µA, Step-Up Mode
4.2
mA
IDVCC Operating Current
Serial Port Idle
1
µA
VIN Shutdown Current
1
µA
DVCC Shutdown Current
1
µA
White LED Current (MAIN1-MAIN4, SUB1, SUB2)
IMS Servo Voltage
25
µA < IMS < 75µA
1.193
1.223
1.253
V
q
1.175
1.223
1.271
V
Full-Scale LED Current Ratio (ILED/IMS)
MAIN1-MAIN4, SUB1, SUB2 Voltage = 1V
q
368
400
432
mA/mA
Half-Scale LED Current Ratio (ILED/IMS)
MAIN1-MAIN4, SUB1, SUB2 Voltage = 1V
q
184
200
216
mA/mA
Quarter-Scale LED Current Ratio (ILED/IMS) MAIN1-MAIN4, SUB1, SUB2 Voltage = 1V
q
92
100
108
mA/mA
LED Current Matching
Any Two MAIN or SUB Outputs
0.7
%
RGB LED Current (RED, GREEN, BLUE)
IRGB Servo Voltage
25
µA < IRGB < 75µA
1.193
1.223
1.253
V
q
1.175
1.223
1.271
V
LED Current Ratio (ILED/IRGB)
RED, GREEN, BLUE Voltage = 1V
360
400
440
mA/mA
RGB PWM Frequency
RGB LED Switching Frequency
3.5
kHz
RGB PWM (Duty Factor) Range
0/15
15/15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com