Electronic Components Datasheet Search
  English  ▼

X  

LTC3205 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 3 Page - Linear Technology

  LTC3205 Datasheet HTML 1Page - Linear Technology LTC3205 Datasheet HTML 2Page - Linear Technology LTC3205 Datasheet HTML 3Page - Linear Technology LTC3205 Datasheet HTML 4Page - Linear Technology LTC3205 Datasheet HTML 5Page - Linear Technology LTC3205 Datasheet HTML 6Page - Linear Technology LTC3205 Datasheet HTML 7Page - Linear Technology LTC3205 Datasheet HTML 8Page - Linear Technology LTC3205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3205
3
3205f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3205E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, DVCC = 1.8V unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
Note 3: 2:3 mode output impedance is defined as (1.5VIN – VCPO)/ICPO.
Note 4: Based on long term current density limitations.
INPUT VOLTAGE (V)
3.0
60
80
100
3205 TA01b
40
20
50
70
90
30
10
0
3.6
3.9
3.3
4.2
FOUR LEDs AT 15mA/LED
(TYP VF AT 15mA = 3.2V)
TA = 25°C
4-LED Main Panel Efficiency
vs Input Voltage
LED Pin Sink Current
vs LED Pin Voltage
ILED
3mA/DIV
(100%
SETTING)
VIN
AC COUPLED
(20mV/DIV)
VOUT
AC COUPLED
(50mV/DIV)
Input and Output
Charge Pump Noise
200mV/DIV
3205 G01
ICPO = 150mA
500ns/DIV
3205 G02
VIN = 3.6V
CIN = CCPO = 0.7µF
0mA
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charge Pump (CPO)
1:1 Mode Output Impedance
0.8
Ω
2:3 Mode Output Impedance
VIN = 3V, VCPO = 4.2V (Note 3)
2.5
Ω
CPO Regulation Voltage
ICPO = 20mA, 2:3 Mode
4.7
V
CLK Frequency
0.6
0.8
1.1
MHz
DIN, SCLK, LD, STEPUP, ENRGB
VIL
Low Level Input Voltage
q
0.15 • DVCC
V
VIH
High Level Input Voltage
q
0.85 • DVCC
V
IIH
Input Current
DIN, SCLK, LD, STEPUP, ENRGB = DVCC
q
–1
1
µA
IIL
Input Current
DIN, SCLK, LD, STEPUP, ENRGB = 0V
q
–1
1
µA
Serial Port Timing
tDS
DIN Valid to SCLK Setup
35
ns
tDH
DIN Valid to SCLK Hold
35
ns
tL
SCLK Low Time
35
ns
tH
SCLK High Time
35
ns
tLW
LD Pulse Width
35
ns
tCL
SCLK to LD
35
ns
tLC
LD to SCLK
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com