Electronic Components Datasheet Search
  English  ▼

X  

LTC3207 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3207
Description  600mA Universal Multi-Output LED/CAM Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3207 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3207 Datasheet HTML 3Page - Linear Technology LTC3207 Datasheet HTML 4Page - Linear Technology LTC3207 Datasheet HTML 5Page - Linear Technology LTC3207 Datasheet HTML 6Page - Linear Technology LTC3207 Datasheet HTML 7Page - Linear Technology LTC3207 Datasheet HTML 8Page - Linear Technology LTC3207 Datasheet HTML 9Page - Linear Technology LTC3207 Datasheet HTML 10Page - Linear Technology LTC3207 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3207/LTC3207-1
7
3207fc
BLOCK DIAGRAM
21
1.22V
VBAT
22
ENU
8
CAMHL
9
DVCC
11
SDA
10
SCL
24
20
23
19
1
C1P
C1M
C2P
C2M
CPO
25
GND
2
3
850kHz
OSCILLATOR
CONTROL
LOGIC
MASTER/SLAVE
REG
SHIFT REGISTER
CAM CURRENT
SOURCE
2 SECOND
SAFETY TIMER
CHARGE PUMP
12 UNIVERSAL
CURRENT SOURCES
AND DACS
4
5
6
12
13
12
14
15
ULED1
ULED2
ULED3
ULED4
ULED5
ULED6
ULED7
ULED8
ULED9
16
ULED10
17
ULED11
18
ULED12
7
CAM
3207 BD
PIN FUNCTIONS
CAMHL (Pin 8): Selects CAM high register when asserted
high and CAM low register when low. The high to low
transition automatically resets the charge pump mode to
1x. The logic level for CAMHL is referenced to DVCC. If
unused, the pin should be connected to ground.
DVCC (Pin 9): Supply Voltage for All Digital I/O Lines. This
pin sets the logic reference level of the device. DVCC will
reset the data registers when set below the undervoltage
lockout threshold which is the recommended method for
resetting the part after power up. A 0.1µF X5R or X7R
ceramic capacitor should be connected to ground.
SCL (Pin 10): I2C Clock Input. The logic-level for SCL is
referenced to DVCC.
SDA (Pin 11): Input Data for the Serial Port. Serial data
is shifted in one bit per clock to control the device. The
logic-level is referenced to DVCC.
C1P, C2P, C1M, C2M (Pin 24, 23, 20, 19): Charge Pump
Flying Capacitor Pins. A 2.2µF X7R or X5R ceramic ca-
pacitor should be connected from C1P to C1M and C2P
to C2M.
VBAT (Pin 21): Supply Voltage for the Entire Device. This
pin must be bypassed with a single 2.2µF low ESR ceramic
capacitor.
ENU (Pin 22): Input. Used to enable or disable the prese-
lected ULED outputs. When the pin is toggled from low
(disable) to high (enable), the device illuminates the prese-
lected LEDs. When ENU is controlling selected outputs and
other outputs have been enabled the charge pump mode
will be reset to 1x on the falling edge of ENU. When ENU
is controlling selected outputs and no other outputs are
active the part will go from enabled to shutdown. The ENU
logic-level is referenced to DVCC. This pin is connected to
ground if unused.
Exposed Pad (Pin 25): Ground. The Exposed Pad must
be soldered to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com